Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1301 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1301 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1297Page - Renesas Technology Corp SH7721 Datasheet HTML 1298Page - Renesas Technology Corp SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp SH7721 Datasheet HTML 1301Page - Renesas Technology Corp SH7721 Datasheet HTML 1302Page - Renesas Technology Corp SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1301 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1239 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Interrupt request register 1
IRR1
8
H'A414 0006
INTC
8
Interrupt request register 2
IRR2
8
H’A414 0008
8
Interrupt request register 3
IRR3
8
H’A414 000A
8
Interrupt request register 4
IRR4
8
H’A414 000C
8
Interrupt control register 1
ICR1
16
H’A414 0010
16
Interrupt control register 2
ICR2
16
H’A414 0012
16
PINT interrupt enable register
PINTER
16
H’A414 0014
16
Interrupt priority register C
IPRC
16
H’A414 0016
16
Interrupt priority register D
IPRD
16
H’A414 0018
16
Interrupt priority register E
IPRE
16
H’A414 001A
16
Interrupt control register 0
ICR0
16
H’A414 FEE0
16
Interrupt priority register A
IPRA
16
H’A414 FEE2
16
Interrupt priority register B
IPRB
16
H’A414 FEE4
16
Common control register
CMNCR
32
H’A4FD 0000
BSC
32
Bus control register for CS0
CS0BCR
32
H’A4FD 0004
32
Bus control register for CS2
CS2BCR
32
H’A4FD 0008
32
Bus control register for CS3
CS3BCR
32
H’A4FD 000C
32
Bus control register for CS4
CS4BCR
32
H’A4FD 0010
32
Bus control register for CS5A
CS5ABCR
32
H’A4FD 0014
32
Bus control register for CS5B
CS5BBCR
32
H’A4FD 0018
32
Bus control register for CS6A
CS6ABCR
32
H’A4FD 001C
32
Bus control register for CS6B
CS6BBCR
32
H’A4FD 0020
32
Wait control register for CS0
CS0WCR
32
H’A4FD 0024
32
Wait control register for CS2
CS2WCR
32
H’A4FD 0028
32
Wait control register for CS3
CS3WCR
32
H’A4FD 002C
32
Wait control register for CS4
CS4WCR
32
H’A4FD 0030
32
Wait control register for CS5A
CS5AWCR
32
H’A4FD 0034
32
Wait control register for CS5B
CS5BWCR
32
H’A4FD 0038
32
Wait control register for CS6A
CS6AWCR
32
H’A4FD 003C
32
Wait control register for CS6B
CS6BWCR
32
H’A4FD 0040
32
SDRAM control register
SDCR
32
H’A4FD 0044
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com