Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1302 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1302 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1298Page - Renesas Technology Corp SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp SH7721 Datasheet HTML 1301Page - Renesas Technology Corp SH7721 Datasheet HTML 1302Page - Renesas Technology Corp SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1302 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1240 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Refresh timer control/status register
RTCSR
32
H'A4FD 0048
BSC
32
Refresh timer counter
RTCNT
32
H’A4FD 004C
32
Refresh time constant register
RTCOR
32
H’A4FD 0050
32
SDRAM mode register
SDMR2
H’A4FD 4xxx
16
SDRAM mode register
SDMR3
H’A4FD5xxx
16
DMA source address register_0
SAR_0
32
H’A401 0020
DMAC
16, 32
DMA destination address register_0 DAR_0
32
H’A401 0024
16, 32
DMA transfer count register_0
DMATCR_0
32
H’A401 0028
16, 32
DMA channel control register_0
CHCR_0
32
H’A401 002C
8, 16, 32
DMA source address register_1
SAR_1
32
H’A401 0030
16, 32
DMA destination address register_1 DAR_1
32
H’A401 0034
16, 32
DMA transfer count register_1
DMATCR_1
32
H’A401 0038
16, 32
DMA channel control register _1
CHCR_1
32
H’A401 003C
8, 16, 32
DMA source address register_2
SAR_2
32
H’A401 0040
16, 32
DMA destination address register_2 DAR_2
32
H’A401 0044
16, 32
DMA transfer count register_2
DMATCR_2
32
H’A401 0048
16, 32
DMA channel control register_2
CHCR_2
32
H’A401 004C
8, 16, 32
DMA source address register_3
SAR_3
32
H’A401 0050
16, 32
DMA destination address register_3 DAR_3
32
H’A401 0054
16, 32
DMA transfer count register_3
DMATCR_3
32
H’A401 0058
16, 32
DMA channel control register_3
CHCR_3
32
H’A401 005C
8, 16, 32
DMA operation register
DMAOR
16
H’A401 0060
16
DMA source address register_4
SAR_4
32
H’A401 0070
16, 32
DMA destination address register_4 DAR_4
32
H’A401 0074
16, 32
DMA transfer count register_4
DMATCR_4
32
H’A401 0078
16, 32
DMA channel control register_4
CHCR_4
32
H’A401 007C
8, 16, 32
DMA source address register_5
SAR_5
32
H’A401 0080
16, 32
DMA destination address register_5 DAR_5
32
H’A401 0084
16, 32
DMA transfer count register_5
DMATCR_5
32
H’A401 0088
16, 32
DMA channel control register_5
CHCR_5
32
H’A401 008C
8, 16, 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com