Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1306 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1306 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1302Page - Renesas Technology Corp SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1306 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1244 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Day of week counter
RWKCNT
8
H'A413 FEC8
RTC
8
Date counter
RDAYCNT
8
H’A413 FECA
8
Month counter
RMONCNT
8
H’A413 FECC
8
Year counter
RYRCNT
16
H’A413 FECE
SCIF
16
Second alarm register
RSECAR
8
H’A413 FED0
8
Minute alarm register
RMINAR
8
H’A413 FED2
8
Hour alarm register
RHRAR
8
H’A413 FED4
8
Day of week alarm register
RWKAR
8
H’A413 FED6
8
Date alarm register
RDAYAR
8
H’A413 FED8
8
Month alarm register
RMONAR
8
H’A413 FEDA
8
RTC control register 1
RCR1
8
H’A413 FEDC
8
RTC control register 2
RCR2
8
H’A413 FEDE
8
Year alarm register
RYRAR
16
H’A413 FEE0
16
RTC control register 3
RCR3
8
H’A413 FEE4
8
Serial mode register_0
SCSMR_0
16
H’A443 0000
16
Bit rate register_0
SCBRR_0
8
H’A443 0004
8
Serial control register_0
SCSCR_0
16
H’A443 0008
16
Transmit data stop register_0
SCTDSR_0
8
H’A443 000C
8
FIFO error count register_0
SCFER_0
16
H’A443 0010
16
Serial status register_0
SCSSR_0
16
H’A443 0014
16
FIFO control register_0
SCFCR_0
16
H’A443 0018
16
FIFO data count register_0
SCFDR_0
16
H’A443 001C
16
Transmit FIFO data register_0
SCFTDR_0
8
H’A443 0020
8
Receive FIFO data register_0
SCFRDR_0
8
H’A443 0024
8
Serial mode register_0
SCSMR_1
16
H’A443 8000
16
Bit rate register_1
SCBRR_1
8
H’A443 8004
8
Serial control register_1
SCSCR_1
16
H’A443 8008
16
Transmit data stop register_1
SCTDSR_1
8
H’A443 800C
8
FIFO error count register_1
SCFER_1
16
H’A443 8010
16
Serial status register_1
SCSSR_1
16
H’A443 8014
16
FIFO control register_1
SCFCR_1
16
H’A443 8018
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com