Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1307 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1307 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1307 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1245 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
FIFO data count register_1
SCFDR_1
16
H'A443 801C
SCIF
16
Transmit FIFO data register_1
SCFTDR_1
8
H'A443 8020
8
Receive FIFO data register_1
SCFRDR_1
8
H'A443 8024
8
IrDA mode register
SCIMR
16
H'A444 0000
IrDA
16
I
2C bus control register 1
ICCR1
8
H'A447 0000
IIC
8
I
2C bus control register 2
ICCR2
8
H'A447 0004
8
I
2C bus mode register
ICMR
8
H'A447 0008
8
I
2C bus interrupt enable register
ICIER
8
H'A447 000C
8
I
2C bus status register
ICSR
8
H'A447 0010
8
Slave address register
SAR
8
H'A447 0014
8
I
2C bus transmit data register
ICDRT
8
H'A447 0018
8
I
2C bus receive data register
ICDRR
8
H'A447 001C
8
I
2C bus master transfer clock select
register
ICCKS
8
H'A447 0020
8
Mode register_0
SIMDR_0
16
H'A441 0000
SIOF
16
Clock select register_0
SISCR_0
16
H'A441 0002
16
Transmit data assign register_0
SITDAR_0
16
H'A441 0004
16
Receive data assign register_0
SIRDAR_0
16
H'A441 0006
16
Control data assign register_0
SICDAR_0
16
H'A441 0008
16
Control register_0
SICTR_0
16
H'A441 000C
16
FIFO control register_0
SIFCTR_0
16
H'A441 0010
16
Status register_0
SISTR_0
16
H'A441 0014
16
Interrupt enable register_0
SIIER_0
16
H'A441 0016
16
Transmit data register_0
SITDR_0
32
H'A441 0020
32
Receive data register_0
SIRDR_0
32
H'A441 0024
32
Transmit control data register_0
SITCR_0
32
H'A441 0028
32
Receive control data register_0
SIRCR_0
32
H'A441 002C
32
Mode register_1
SIMDR_1
16
H'A441 8000
16
Clock select register_1
SISCR_1
16
H'A441 8002
16
Transmit data assign register_1
SITDAR_1
16
H'A441 8004
16
Receive data assign register_1
SIRDAR_1
16
H'A441 8006
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com