Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1308 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1308 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1308 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1246 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Control data assign register_1
SICDAR_1
16
H’A441 8008
SIOF
16
Control register_1
SICTR_1
16
H’A441 800C
16
FIFO control register_1
SIFCTR_1
16
H’A441 8010
16
Status register_1
SISTR_1
16
H’A441 8014
16
Interrupt enable register_1
SIIER_1
16
H’A441 8016
16
Transmit data register_1
SITDR_1
32
H’A441 8020
32
Receive data register_1
SIRDR_1
32
H’A441 8024
32
Transmit control data register_1
SITCR_1
32
H’A441 8028
32
Receive control data register_1
SIRCR_1
32
H’A441 802C
32
AFEIF control register 1
ACTR1
16
H’A44E 0180
AFEIF
16
AFEIF control register 2
ACTR2
16
H’A44E 0182
16
AFEIF status register 1
ASTR1
16
H’A44E 0184
16
AFEIF status register 2
ASTR2
16
H’A44E 0186
16
Make ratio count register
MRCR
16
H’A44E 0188
16
Minimum pose count register
MPCR
16
H’A44E 018A
16
Dial number queue
DPNQ
16
H’A44E 018C
16
Ringing pulse counter
RCNT
16
H’A44E 018E
16
AFE control data register
ACDR
16
H’A44E 0190
16
AFE status data register
ASDR
16
H’A44E 0192
16
Transmit data FIFO port
TDFP
16
H’A44E 0194
16, 32
Receive data FIFO port
RDFP
16
H’A44E 0198
16, 32
USB transceiver control register
UTRCTL
16
H’A405 012C
USBPMC
16
Hc Revision register
USBHR
32
H’A442 8000
32
Hc Control register
USBHC
32
H’A442 8004
32
Hc Command Status register
USBHCS
32
H’A442 8008
32
Hc Interrupt Status register
USBHIS
32
H’A442 800C
32
Hc Interrupt Enable register
USBHIE
32
H’A442 8010
32
HcInterruptDisable register
USBHID
32
H’A442 8014
32
HcHCCA register
USBHHCCA
32
H’A442 8018
32
Hc Period Current ED register
USBHPCED
32
H’A442 801C
32
Hc Control Head ED
USBHCHED
32
H’A442 8020
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com