Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1312 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1312 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp SH7721 Datasheet HTML 1314Page - Renesas Technology Corp SH7721 Datasheet HTML 1315Page - Renesas Technology Corp SH7721 Datasheet HTML 1316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1312 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1250 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
A/D data register A
ADDRA
16
H'A44C 0000
ADC
16
A/D data register B
ADDRB
16
H'A44C 0002
16
A/D data register C
ADDRC
16
H'A44C 0004
16
A/D data register D
ADDRD
16
H'A44C 0006
16
A/D control/status register
ADCSR
16
H'A44C 0008
16
D/A data register 0
DADR0
8
H'A44D 0000
DAC
8
D/A data register 1
DADR1
8
H'A44D 0002
8
D/A control register
DACR
8
H'A44D 0004
8
Area 6 interface status register
PCC0ISR
8
H'A44B 0000
PCC
8
Area 6 general control register
PCC0GCR
8
H'A44B 0002
8
Area 6 card status change register
PCC0CSCR
8
H'A44B 0004
8
Area 6 card status change interrupt
enable register
PCC0CSCIER
8
H'A44B 0006
8
Serial mode register
SCSMR
8
H'A449 0000
SIM
8
Bit rate register
SCBRR
8
H'A449 0002
8
Serial control register
SCSCR
8
H'A449 0004
8
Transmit data register
SCTDR
8
H'A449 0006
8
Serial status register
SCSSR
8
H'A449 0008
8
Receive data register
SCRDR
8
H'A449 000A
8
Smart card mode register
SCSCMR
8
H'A449 000C
8
Serial control 2 register
SCSC2R
8
H'A449 000E
8
Wait time register
SCWAIT
16
H'A449 0010
16
Guard extension register
SCGRD
8
H'A449 0012
8
Sampling register
SCSMPL
16
H'A449 0014
16
Command register 0
CMDR0
8
H'A444 8000
MMC
8
Command register 1
CMDR1
8
H'A444 8001
8
Command register 2
CMDR2
8
H'A444 8002
8
Command register 3
CMDR3
8
H'A444 8003
8
Command register 4
CMDR4
8
H'A444 8004
8
Command register 5
CMDR5
8
H'A444 8005
8
Command start register
CMDSTRT
8
H'A444 8006
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com