Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1314 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1314 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp SH7721 Datasheet HTML 1314Page - Renesas Technology Corp SH7721 Datasheet HTML 1315Page - Renesas Technology Corp SH7721 Datasheet HTML 1316Page - Renesas Technology Corp SH7721 Datasheet HTML 1317Page - Renesas Technology Corp SH7721 Datasheet HTML 1318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1314 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1252 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Response register D
RSPRD
8
H'A444 8031
MMC
8
Data timeout register
DTOUTR
16
H’A444 8032
16
Data register
DR
16
H’A444 8040
16
FIFO pointer clear register
FIFOCLR
8
H’A444 8042
8
DMA control register
DMACR
8
H’A444 8044
8
Interrupt control register 2
INTCR2
8
H’A444 8046
8
Interrupt status register 2
INTSTR2
8
H’A444 8048
8
Break data register B
BDRB
32
H’A4FF FF90
UBC
32
Break data mask register B
BDMRB
32
H’A4FF FF94
32
Break control register
BRCR
32
H’A4FF FF98
32
Execution times break register
BETR
16
H’A4FF FF9C
16
Break address register B
BARB
32
H’A4FF FFA0
32
Break address mask register B
BAMRB
32
H’A4FF FFA4
32
Break bus cycle register B
BBRB
16
H’A4FF FFA8
16
Branch source register
BRSR
32
H’A4FF FFAC
32
Break address register A
BARA
32
H’A4FF FFB0
32
Break address mask register A
BAMRA
32
H’A4FF FFB4
32
Break bus cycle register A
BBRA
16
H’A4FF FFB8
16
Branch destination register
BRDR
32
H’A4FF FFBC
32
Break ASID register A
BASRA
8
H’FFFF FFE4
8
Break ASID register B
BASRB
8
H’FFFF FFE8
8
Port A control register
PACR
16
H’A405 0100
PFC
16
Port B control register
PBCR
16
H’A405 0102
16
Port C control register
PCCR
16
H’A405 0104
16
Port D control register
PDCR
16
H’A405 0106
16
Port E control register
PECR
16
H’A405 0108
16
Port F control register
PFCR
16
H’A405 010A
16
Port G control register
PGCR
16
H’A405 010C
16
Port H control register
PHCR
16
H’A405 010E
16
Port J control register
PJCR
16
H’A405 0110
16
Port K control register
PKCR
16
H’A405 0112
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com