Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1311 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1311 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp SH7721 Datasheet HTML 1314Page - Renesas Technology Corp SH7721 Datasheet HTML 1315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1311 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1249 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
LCDC data format register
LDDFR
16
H'A440 0404
LCDC
16
LCDC scan mode register
LDSMR
16
H'A440 0406
16
LCDC data fetch start address
register for upper display panel
LDSARU
32
H'A440 0408
32
LCDC data fetch start address
register for lower display panel
LDSARL
32
H'A440 040C
32
LCDC fetch data line address offset
register for display panel
LDLAOR
16
H'A440 0410
16
LCDC palette control register
LDPALCR
16
H'A440 0412
16
LCDC horizontal character number
register
LDHCNR
16
H'A440 0414
16
LCDC horizontal synchronization
signal register
LDHSYNR
16
H'A440 0416
16
LCDC vertical displayed line number
register
LDVDLNR
16
H'A440 0418
16
LCDC vertical total line number
register
LDVTLNR
16
H'A440 041A
16
LCDC vertical synchronization signal
register
LDVSYNR
16
H'A440 041C
16
LCDC AC modulation signal toggle
line number register
LDACLNR
16
H'A440 041E
16
LCDC interrupt control register
LDINTR
16
H'A440 0420
16
LCDC power management mode
register
LDPMMR
16
H'A440 0424
16
LCDC power supply sequence
period register
LDPSPR
16
H'A440 0426
16
LCDC control register
LDCNTR
16
H'A440 0428
16
LCDC user specified interrupt
control register
LDUINTR
16
H'A440 0434
16
LCDC user specified interrupt line
number register
LDUINTLNR
16
H'A440 0436
16
LCDC memory access interval
number register
LDLIRNR
16
H'A440 0440
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com