Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1309 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1309 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1309 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1247 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Hc Control Current ED register
USBHCCED
32
H'A442 8024
USBPMC
32
Hc Bulk Head ED register
USBHBHED
32
H'A442 8028
32
Hc Bulk Current ED register
USBHBCED
32
H'A442 802C
32
Hc Done Head ED register
USBHDHED
32
H'A442 8030
32
Hc Fm Interval register
USBHFI
32
H'A442 8034
32
Hc Fm Remaining register
USBHFR
32
H'A442 8038
32
Hc Fm Number register
USBHFN
32
H'A442 803C
32
Hc Periodic Start register
USBHPS
32
H'A442 8040
32
Hc LS Threshold register
USBHLST
32
H'A442 8044
32
Hc Rh Descriptor A register
USBHRDA
32
H'A442 8048
32
Hc Rh Descriptor B register
USBHRDB
32
H'A442 804C
32
Hc Rh Status register
USBHRS
32
H'A442 8050
32
Hc Rh Port Status 1register
USBHRPS1
32
H'A442 8054
32
Hc Rh Port Status 2 register
USBHRPS2
32
H'A442 8058
32
Interrupt flag register 0
IFR0
8
H'A442 0000
USBF
8
Interrupt flag register 1
IFR1
8
H'A442 0001
8
Interrupt flag register 2
IFR2
8
H'A442 0002
8
Interrupt flag register 3
IFR3
8
H'A442 0003
8
Interrupt enable register 0
IER0
8
H'A442 0004
8
Interrupt enable register 1
IER1
8
H'A442 0005
8
Interrupt enable register 2
IER2
8
H'A442 0006
8
Interrupt enable register 3
IER3
8
H'A442 0007
8
Interrupt select register 0
ISR0
8
H'A442 0008
8
Interrupt select register 1
ISR1
8
H'A442 0009
8
Interrupt select register 2
ISR2
8
H'A442 000A
8
Interrupt select register 3
ISR3
8
H'A442 000B
8
EP0i data register
EPDR0i
8
H'A442 000C
8
EP0o data register
EPDR0o
8
H'A442 000D
8
EP0s data register
EPDR0s
8
H'A442 000E
8
EP1 data register
EPDR1
8
H'A442 0010
8
EP2 data register
EPDR2
8
H'A442 0014
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com