Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1313 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1313 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp SH7721 Datasheet HTML 1314Page - Renesas Technology Corp SH7721 Datasheet HTML 1315Page - Renesas Technology Corp SH7721 Datasheet HTML 1316Page - Renesas Technology Corp SH7721 Datasheet HTML 1317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1313 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1251 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
Operation control register
OPCR
8
H’A444 800A
MMC
8
Card status register
CSTR
8
H’A444 800B
8
Interrupt control register 0
INTCR0
8
H’A444 800C
8
Interrupt control register 1
INTCR1
8
H’A444 800D
8
Interrupt status register 0
INTSTR0
8
H’A444 800E
8
Interrupt status register 1
INTSTR1
8
H’A444 800F
8
Transfer clock control register
CLKON
8
H’A444 8010
8
Command timeout control register
CTOCR
8
H’A444 8011
8
VDD/open drain control register
VDCNT
8
H’A444 8012
8
Transfer byte number count register TBCR
8
H’A444 8014
8
Mode register
MODER
8
H’A444 8016
8
Command type register
CMDTYR
8
H’A444 8018
8
Response type register
RSPTYR
8
H’A444 8019
8
Transfer block number counter
TBNCR
16
H’A444 801A
16
Response register 0
RSPR0
8
H’A444 8020
8
Response register 1
RSPR1
8
H’A444 8021
8
Response register 2
RSPR2
8
H’A444 8022
8
Response register 3
RSPR3
8
H’A444 8023
8
Response register 4
RSPR4
8
H’A444 8024
8
Response register 5
RSPR5
8
H’A444 8025
8
Response register 6
RSPR6
8
H’A444 8026
8
Response register 7
RSPR7
8
H’A444 8027
8
Response register 8
RSPR8
8
H’A444 8028
8
Response register 9
RSPR9
8
H’A444 8029
8
Response register 10
RSPR10
8
H’A444 802A
8
Response register 11
RSPR11
8
H’A444 802B
8
Response register 12
RSPR12
8
H’A444 802C
8
Response register 13
RSPR13
8
H’A444 802D
8
Response register 14
RSPR14
8
H’A444 802E
8
Response register 15
RSPR15
8
H’A444 802F
8
Response register 16
RSPR16
8
H’A444 8030
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com