Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1310 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1310 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp SH7721 Datasheet HTML 1308Page - Renesas Technology Corp SH7721 Datasheet HTML 1309Page - Renesas Technology Corp SH7721 Datasheet HTML 1310Page - Renesas Technology Corp SH7721 Datasheet HTML 1311Page - Renesas Technology Corp SH7721 Datasheet HTML 1312Page - Renesas Technology Corp SH7721 Datasheet HTML 1313Page - Renesas Technology Corp SH7721 Datasheet HTML 1314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1310 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1248 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
EP3 data register
EPDR3
8
H'A442 0018
USBF
8
EP4 data register
EPDR4
8
H'A442 001C
8
EP5 data register
EPDR5
8
H'A442 0020
8
EP0o receive data size register
EPSZ0o
8
H'A442 0024
8
EP1 receive data size register
EPSZ1
8
H'A442 0025
8
EP4 receive data size register
EPSZ4
8
H'A442 0026
8
Data status register
DASTS
8
H'A442 0027
8
FIFO clear register 0
FCLR0
8
H'A442 0028
8
FIFO clear register 1
FCLR1
8
H'A442 0029
8
Endpoint stall register 0
EPSTL0
8
H'A442 002A
8
Endpoint stall register 1
EPSTL1
8
H'A442 002B
8
Trigger register
TRG
8
H'A442 002C
8
DMA transfer setting register
DMA
8
H'A442 002D
8
Configuration value register
CVR
8
H'A442 002E
8
Control register 0
CTLR0
8
H'A442 002F
8
Time stamp register H
TSRH
8
H'A442 0030
8
Time stamp register L
TSRL
8
H'A442 0031
8
Endpoint information register
EPIR
8
H'A442 0032
8
Interrupt flag register 4
IFR4
8
H'A442 0034
8
Interrupt enable register 4
IER4
8
H'A442 0035
8
Interrupt select register 4
ISR4
8
H'A442 0036
8
Control register 1
CTLR1
8
H'A442 0037
8
Timer register H
TMRH
8
H'A442 0038
8
Timer register L
TMRL
8
H'A442 0039
8
Set time out register H
STOH
8
H'A442 003A
8
Set time out register L
STOL
8
H'A442 003B
8
Palette data register 00
to
Palette data register FF
LDPR00
to
LDPRFF
32
H'A440 0000
to
H'A440 03FC
LCDC
32
LCDC input clock register
LDICKR
16
H'A440 0400
16
LCDC module type register
LDMTR
16
H'A440 0402
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com