Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1303 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1303 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp SH7721 Datasheet HTML 1301Page - Renesas Technology Corp SH7721 Datasheet HTML 1302Page - Renesas Technology Corp SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp SH7721 Datasheet HTML 1305Page - Renesas Technology Corp SH7721 Datasheet HTML 1306Page - Renesas Technology Corp SH7721 Datasheet HTML 1307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1303 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1241 of 1458
REJ09B0033-0300
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
DMA extended resource selector 0
DMARS0
16
H'A409 0000
DMAC
16
DMA extended resource selector 1
DMARS1
16
H'A409 0004
16
DMA extended resource selector 2
DMARS2
16
H'A409 0008
16
USBH/USBF clock control register
UCLKCR
8
H'A40A 0008
CPG
8, 16*
2
Frequency control register
FRQCR
16
H'A415 FF80
16
Watchdog timer counter
WTCNT
8
H'A415 FF84
WDT
8, 16*
2
Watchdog timer control/status
register
WTCSR
8
H'A415 FF86
8, 16*
2
Standby control register 3
STBCR3
8
H'A40A 0000
8
Standby control register 4
STBCR4
8
H'A40A 0004
Power-down
modes
8
Standby control register 5
STBCR5
8
H'A40A 0010
8
Standby control register
STBCR
8
H'A415 FF82
8
Standby control register 2
STBCR2
8
H'A415 FF88
8
Timer start register
TSTR
8
H'A412 FE92
TMU
8
Timer constant register_0
TCOR_0
32
H'A412 FE94
32
Timer counter_0
TCNT_0
32
H'A412 FE98
32
Timer control register_0
TCR_0
16
H'A412 FE9C
16
Timer constant register_1
TCOR_1
32
H'A412 FEA0
32
Timer counter_1
TCNT_1
32
H'A412 FEA4
32
Timer control register_1
TCR_1
16
H'A412 FEA8
16
Timer constant register_2
TCOR_2
32
H'A412 FEAC
32
Timer counter_2
TCNT_2
32
H'A412 FEB0
32
Timer control register_2
TCR_2
16
H'A412 FEB4
16
Timer start register
TSTR
16
H'A448 0000
TPU
16
Timer control register_0
TCR_0
16
H'A448 0010
16
Timer mode register_0
TMDR_0
16
H'A448 0014
16
Timer I/O control register_0
TIOR_0
16
H'A448 0018
16
Timer interrupt enable register_0
TIER_0
16
H'A448 001C
16
Timer status register_0
TSR_0
16
H'A448 0020
16
Timer counter_0
TCNT_0
16
H'A448 0024
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com