Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1300 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1300 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1296Page - Renesas Technology Corp SH7721 Datasheet HTML 1297Page - Renesas Technology Corp SH7721 Datasheet HTML 1298Page - Renesas Technology Corp SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp SH7721 Datasheet HTML 1301Page - Renesas Technology Corp SH7721 Datasheet HTML 1302Page - Renesas Technology Corp SH7721 Datasheet HTML 1303Page - Renesas Technology Corp SH7721 Datasheet HTML 1304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1300 / 1524 page
background image
Section 37
List of Registers
Rev. 3.00 Jan. 18, 2008 Page 1238 of 1458
REJ09B0033-0300
37.1
Register Addresses
Entries under Access Size indicate number of bits.
Note:
Access to undefined or reserved address is prohibited. Since operation or continued
operation is not guaranteed when these registers are accessed, do not attempt such access.
Register Name
Abbreviation
Number
of Bits
Address
Module
Access
Size
MMU control register
MMUCR
32
H'FFFF FFE0
MMU
32
Page table entry register high
PTEH
32
H'FFFF FFF0
32
Page table entry register low
PTEL
32
H'FFFF FFF4
32
Translation table base register
TTB
32
H'FFFF FFF8
32
Cache control register 2
CCR2
32
H'A400 00B0
Cache
32
Cache control register 3
CCR3
32
H'A400 00B4
32
Cache control register 1
CCR1
32
H'FFFF FFEC
32
Interrupt event register 2
INTEVT2
32
H'A400 0000
32
TRAPA exception register
TRA
32
H'FFFF FFD0
Exception
handling
32
Exception event register
EXPEVT
32
H'FFFF FFD4
32
Interrupt event register
INTEVT
32
H'FFFF FFD8
32
Exception address register
TEA
32
H'FFFF FFFC
32
Interrupt priority register F
IPRF
16
H'A408 0000
INTC
16
Interrupt priority register G
IPRG
16
H'A408 0002
16
Interrupt priority register H
IPRH
16
H'A408 0004
16
Interrupt priority register I
IPRI
16
H'A408 0006
16
Interrupt priority register J
IPRJ
16
H'A408 0008
16
Interrupt request register 5
IRR5
8
H'A408 0020
8
Interrupt request register 6
IRR6
8
H'A408 0022
8
Interrupt request register 7
IRR7
8
H'A408 0024
8
Interrupt request register 8
IRR8
8
H'A408 0026
8
Interrupt request register 9
IRR9
8
H'A408 0028
8
Interrupt request register 0
IRR0
8
H'A414 0004
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com