Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1296 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1296 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1292Page - Renesas Technology Corp SH7721 Datasheet HTML 1293Page - Renesas Technology Corp SH7721 Datasheet HTML 1294Page - Renesas Technology Corp SH7721 Datasheet HTML 1295Page - Renesas Technology Corp SH7721 Datasheet HTML 1296Page - Renesas Technology Corp SH7721 Datasheet HTML 1297Page - Renesas Technology Corp SH7721 Datasheet HTML 1298Page - Renesas Technology Corp SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1296 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1234 of 1458
REJ09B0033-0300
36.5
Boundary Scan
A command can be set in SDIR by the H-UDI to place the H-UDI pins in the boundary scan mode
stipulated by JTAG.
36.5.1
Supported Instructions
This LSI supports the three essential instructions defined in the JTAG standard (BYPASS,
SAMPLE/PRELOAD, and EXTEST) and three option instructions (IDCODE, CLAMP, and
HIGHZ).
(1) BYPASS
The BYPASS instruction is an essential standard instruction that operates the bypass register. This
instruction shortens the shift path to speed up serial data transfer involving other chips on the
printed circuit board. While this instruction is executing, the test circuit has no effect on the
system circuits. The upper four bits of the instruction code are B'1111.
(2) SAMPLE/PRELOAD
The SAMPLE/PRELOAD instruction inputs values from this LSI's internal circuitry to the
boundary scan register, outputs values from the scan path, and loads data onto the scan path. When
this instruction is executing, this LSI's input pin signals are transmitted directly to the internal
circuitry, and internal circuit values are directly output externally from the output pins. This LSI's
system circuits are not affected by execution of this instruction. The upper four bits of the
instruction code are B'0100.
In a SAMPLE operation, a snapshot of a value to be transferred from an input pin to the internal
circuitry, or a value to be transferred from the internal circuitry to an output pin, is latched into the
boundary scan register and read from the scan path. Snapshot latching is performed in
synchronization with the rise of TCK in the Capture-DR state. Snapshot latching does not affect
normal operation of this LSI.
In a PRELOAD operation, an initial value is set in the parallel output latch of the boundary scan
register from the scan path prior to the EXTEST instruction. Without a PRELOAD operation,
when the EXTEST instruction was executed an undefined value would be output from the output
pin until completion of the initial scan sequence (transfer to the output latch) (with the EXTEST
instruction, the parallel output latch value is constantly output to the output pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com