Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 173Page - Renesas Technology Corp SH7721 Datasheet HTML 174Page - Renesas Technology Corp SH7721 Datasheet HTML 175Page - Renesas Technology Corp SH7721 Datasheet HTML 176Page - Renesas Technology Corp SH7721 Datasheet HTML 177Page - Renesas Technology Corp SH7721 Datasheet HTML 178Page - Renesas Technology Corp SH7721 Datasheet HTML 179Page - Renesas Technology Corp SH7721 Datasheet HTML 180Page - Renesas Technology Corp SH7721 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 115 of 1458
REJ09B0033-0300
Table 3.15
Source Register in DSP Operations
Guard Bits
Register Bits
Registers
Instructions
39
32
31
16
15
0
Fixed-point, PDMSB,
PSHA
40-bit data
Integer
24-bit data
DSP
operation
Logical, PSHL, PMULS
16-bit data
MOVX/Y.W, MOVS.W
16-bit data
A0, A1
Data
transfer
MOVS.L
32-bit data
MOVS.W
Data
A0G, A1G
Data
transfer
MOVS.L
Data
Fixed-point, PDMSB,
PSHA
Sign*
32-bit data
Integer
Sign*
16-bit data
DSP
Logical, PSHL, PMULS
16-bit data
MOVS.W
16-bit data
X0, X1
Y0, Y1
M0, M1
Data
transfer
MOVS.L
32-bit data
Note:
*
The data is sign-extended and input to the ALU.
The DSP unit incorporates one control register and DSP status register (DSR). The DSR register
stores the DSP data operation result (zero, negative, others). The DSP register also has the DC bit
whose function is similar to the T bit in the CPU register. The DC bit functions as status flag.
Conditional DSP data operations are controlled based on the DC bit. These operation control
affects only the DSP unit instructions. In other words, these operations control affects only the
DSP registers and does not affect address register update and CPU instructions such as load and
store instructions. A condition to be reflected on the DC bit should be specified to the DC status
selection bits (CS[2:0]).
The unconditional DSP type data instructions other than PMULS, MOVX, MOVY, and MOVS
change the condition flag and DC bit. However, the CPU instructions including the MAC
instruction do not modify the DC bit. In addition, conditional DSP instructions do not modify the
DSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com