Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 175Page - Renesas Technology Corp SH7721 Datasheet HTML 176Page - Renesas Technology Corp SH7721 Datasheet HTML 177Page - Renesas Technology Corp SH7721 Datasheet HTML 178Page - Renesas Technology Corp SH7721 Datasheet HTML 179Page - Renesas Technology Corp SH7721 Datasheet HTML 180Page - Renesas Technology Corp SH7721 Datasheet HTML 181Page - Renesas Technology Corp SH7721 Datasheet HTML 182Page - Renesas Technology Corp SH7721 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 117 of 1458
REJ09B0033-0300
Bits
Bit Name
Initial
Value
R/W
Function
3 to 1
CS
All 0
R/W
DC Bit Status Selection
Designate the mode for selecting the operation result
status to be set in the DC bit
000: Carry/borrow mode
001: Negative value mode
010: Zero mode
011: Overflow mode
100: Signed greater mode
101: Signed greater than or equal to mode
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)
0
DC
0
R/W
DSP Status Bit
Sets the status of the operation result in the mode
designated by the CS bits
0: Designated mode status has not occurred
1: Designated mode status has occurred
Indicates the operation result by carry or borrow
regardless of the CS bit status after the PADDC or
PSUBC instruction has been executed.
The DSR is assigned to the system registers. For the DSR, the following load and store
instructions are supported.
STS DSR,Rn;
STS.L DSR,@-Rn;
LDS Rn,DSR;
LDS.L @Rn+,DSR;
If the DSR is read by the STS instruction, upper bits (bits 31 to 16) are all 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com