Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 177Page - Renesas Technology Corp SH7721 Datasheet HTML 178Page - Renesas Technology Corp SH7721 Datasheet HTML 179Page - Renesas Technology Corp SH7721 Datasheet HTML 180Page - Renesas Technology Corp SH7721 Datasheet HTML 181Page - Renesas Technology Corp SH7721 Datasheet HTML 182Page - Renesas Technology Corp SH7721 Datasheet HTML 183Page - Renesas Technology Corp SH7721 Datasheet HTML 184Page - Renesas Technology Corp SH7721 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 119 of 1458
REJ09B0033-0300
Table 3.18
Correspondence between DSP Instruction Operands and Registers
ALU Operations
Multiply Operations
Register
Sx
Sy
Dz
Du
Se
Sf
Dg
A0
Yes
Yes
Yes
Yes
A1
Yes
Yes
Yes
Yes
Yes
Yes
M0
Yes
Yes
Yes
M1
Yes
Yes
Yes
X0
Yes
Yes
Yes
Yes
Yes
X1
Yes
Yes
Yes
Y0
Yes
Yes
Yes
Yes
Yes
Y1
Yes
Yes
Yes
When writing parallel instructions, the field-B instruction is written first, followed by the field-A
instruction. A sample parallel processing program is shown in figure 3.6.
PADD
PINC
PCMP
DCF
MOVX.W
MOVX.W
MOVX.W
@R4+,
@R5+R8,
@R4,
X0
X0
X1
MOVY.W
MOVY.W
[NOPY]
@R6+,
@R7+,
Y0
Y1
A0,
M1,
M1,
M0,
A1
M0
A0
PMULS X0, Y0, M0
Figure 3.6 Sample Parallel Instruction Program
Square brackets mean that the contents can be omitted.
The no operation instructions NOPX and NOPY can be omitted. For details on the field B in DSP
data operation instructions, refer to section 3.6.4, DSP Operation Instructions.
The DSR register condition code bit (DC) is always updated on the basis of the result of an
unconditional ALU or shift operation instruction. Conditional instructions do not update the DC
bit. Multiply instructions, also, do not update the DC bit. DC bit updating is performed by means
of the CS[2:0] bits in the DSR register. The DC bit update rules are shown in table 3.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com