Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 182 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 182 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 178Page - Renesas Technology Corp SH7721 Datasheet HTML 179Page - Renesas Technology Corp SH7721 Datasheet HTML 180Page - Renesas Technology Corp SH7721 Datasheet HTML 181Page - Renesas Technology Corp SH7721 Datasheet HTML 182Page - Renesas Technology Corp SH7721 Datasheet HTML 183Page - Renesas Technology Corp SH7721 Datasheet HTML 184Page - Renesas Technology Corp SH7721 Datasheet HTML 185Page - Renesas Technology Corp SH7721 Datasheet HTML 186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 120 of 1458
REJ09B0033-0300
Table 3.19
DC Bit Update Definitions
CS [2:0]
Condition Mode
Description
0
0
0
Carry or borrow
mode
The DC bit is set if an ALU arithmetic operation generates a carry
or borrow, and is cleared otherwise.
When a PSHA or PSHL shift instruction is executed, the last bit
data shifted out is copied into the DC bit.
When an ALU logical operation is executed, the DC bit is always
cleared.
0
0
1
Negative value
mode
When an ALU or shift (PSHA) arithmetic operation is executed,
the MSB of the result, including the guard bits, is copied into the
DC bit.
When an ALU or shift (PSHL) logical operation is executed, the
MSB of the result, excluding the guard bits, is copied into the DC
bit.
0
1
0
Zero value mode
The DC bit is set if the result of an ALU or shift operation is all-
zeros, and is cleared otherwise.
0
1
1
Overflow mode
The DC bit is set if the result of an ALU or shift (PSHA) arithmetic
operation exceeds the destination register range, excluding the
guard bits, and is cleared otherwise.
When an ALU or shift (PSHL) logical operation is executed, the
DC bit is always cleared.
1
0
0
Signed greater-than
mode
This mode is similar to signed greater-or-equal mode, but DC is
cleared if the result is all-zeros.
DC = ~{(negative value ^ over-range) | zero value};
In case of arithmetic operation
DC = 0; In case of logical operation
1
0
1
Signed greater-or-
equal mode
If the result of an ALU or shift (PSHA) arithmetic operation
exceeds the destination register range, including the guard bits
(over-range), the definition is the same as in negative value mode.
If the result is not over-range, the definition is the opposite of that
in negative value mode.
When an ALU or shift (PSHL) logical operation is executed, the
DC bit is always cleared.
DC = ~(negative value ^ over-range);
In case of arithmetic operation
DC = 0 ; In case of logical operation
1
1
0
Reserved (setting prohibited)
1
1
1
Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com