Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 227Page - Renesas Technology Corp SH7721 Datasheet HTML 228Page - Renesas Technology Corp SH7721 Datasheet HTML 229Page - Renesas Technology Corp SH7721 Datasheet HTML 230Page - Renesas Technology Corp SH7721 Datasheet HTML 231Page - Renesas Technology Corp SH7721 Datasheet HTML 232Page - Renesas Technology Corp SH7721 Datasheet HTML 233Page - Renesas Technology Corp SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 169 of 1458
REJ09B0033-0300
(c)
P2 Area
The P2 area cannot be accessed via the cache and cannot be address-translated by the TLB.
Whether the MMU is enabled or not, replacing the upper three bits of an address in this area with
0s creates the address in the corresponding physical address space.
(d)
P4 Area
The P4 area is mapped to the on-chip I/O of this LSI. This area cannot be accessed via the cache
and cannot be address-translated by the TLB. Figure 4.4 shows the configuration of the P4 area.
H'8000 0000
H'A000 0000
H'C000 0000
H'E000 0000
H'FFFF FFFF
P0 area
Cacheable
Address translation possible
U0 area
Cacheable
Address translation possible
Uxy area*
P1 area
Cacheable
Address translation not possible
P2 area
Non-Cacheable
Address translation not possible
P3 area
Cacheable
Address translation possible
P4 area
Non-Cacheable
Address translation not possible
Address error
Address error
H'0000 0000
H'8000 0000
H'A500 0000
H'A5FF FFFF
H'FFFF FFFF
H'0000 0000
Privileged mode
User mode
Area 0
Area 1
Area 2
Area 3
Area 4
Area 5
Area 7
Area 6
External Address
Space
Note: Only exists when SR.DSP = 1
256
256
Figure 4.2 Virtual Address Space (MMUCR.AT = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com