Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 229Page - Renesas Technology Corp SH7721 Datasheet HTML 230Page - Renesas Technology Corp SH7721 Datasheet HTML 231Page - Renesas Technology Corp SH7721 Datasheet HTML 232Page - Renesas Technology Corp SH7721 Datasheet HTML 233Page - Renesas Technology Corp SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 171 of 1458
REJ09B0033-0300
H'F000 0000
H'F100 0000
H'F200 0000
H'F300 0000
H'F400 0000
H'FFFF FFFF
H'FC00 0000
Reserved
Reserved
Cache address array
Cache data array
TLB address array
TLB data array
H'E000 0000
Control register area
Figure 4.4 P4 Area
The area from H'F000 0000 to H'F0FF FFFF is for direct access to the cache address array. For
more information, see section 5.4, Memory-Mapped Cache.
The area from H'F100 0000 to H'F1FF FFFF is for direct access to the cache data array. For more
information, see section 5.4, Memory-Mapped Cache.
The area from H'F200 0000 to H'F2FF FFFF is for direct access to the TLB address array. For
more information, see section 4.6, Memory-Mapped TLB.
The area from H'F300 0000 to H'F3FF FFFF is for direct access to the TLB data array. For more
information, see section 4.6, Memory-Mapped TLB.
The area from H'FC00 0000 to H'FFFF FFFF is reserved for registers of the on-chip peripheral
modules. For more information, see section 37, List of Registers.
(e)
Uxy Area
The Uxy area is mapped to the on-chip memory of this LSI. This area is made usable in user mode
when the DSP bit in the SR register is set to 1. In user mode, accessing this area when the DSP bit
is 0 will result in an address error. This area cannot be accessed via the cache and cannot be
address-translated by the TLB. For more information on the Uxy area, see section 6, X/Y
Memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com