Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 231Page - Renesas Technology Corp SH7721 Datasheet HTML 232Page - Renesas Technology Corp SH7721 Datasheet HTML 233Page - Renesas Technology Corp SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 173 of 1458
REJ09B0033-0300
information are registered in the TLB. After returning from the handler, the instruction that caused
the TLB miss is re-executed. When the MMU is enabled, address translation information that
results in a physical address space of H'2000 0000 to H'FFFF FFFF should not be registered in the
TLB.
When the MMU is disabled, masking the upper three bits of the virtual address to 0s creates the
address in the corresponding physical address space. Since this LSI supports 29-bit address space
as physical address space, the upper three bits of the virtual address are ignored as shadow areas.
For details, refer to section 9, Bus State Controller (BSC). For example, address H'0000 1000 in
the P0 area, address H'8000 1000 in the P1 area, address H'A000 1000 in the P2 area, and address
H'C000 1000 in the P3 area are all mapped to the same physical memory. If these addresses are
accessed while the cache is enabled, the upper three bits are always cleared to 0 to guarantee the
continuity of addresses stored in the address array of the cache.
(4)
Single Virtual Memory Mode and Multiple Virtual Memory Mode
There are two virtual memory modes: single virtual memory mode and multiple virtual memory
mode. In single virtual memory mode, multiple processes run in parallel using the virtual address
space exclusively and the physical address corresponding to a given virtual address is specified
uniquely. In multiple virtual memory mode, multiple processes run in parallel sharing the virtual
address space, so a given virtual address may be translated into different physical addresses
depending on the process. By the value set to the MMU control register (MMUCR), either single
or multiple virtual mode is selected.
In terms of operation, the only difference between single virtual memory mode and multiple
virtual memory mode is in the TLB address comparison method (see section 4.3.3, TLB Address
Comparison).
(5)
Address Space Identifier (ASID)
In multiple virtual memory mode, the address space identifier (ASID) is used to differentiate
between processes running in parallel and sharing virtual address space. The ASID is eight bits in
length and can be set by software setting of the ASID of the currently running process in page
table entry register high (PTEH) within the MMU. When the process is switched using the ASID,
the TLB does not have to be purged.
In single virtual memory mode, the ASID is used to provide memory protection for processes
running simultaneously and using the virtual address space exclusively (see section 4.3.3, TLB
Address Comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com