Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 233Page - Renesas Technology Corp SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 175 of 1458
REJ09B0033-0300
4.2.2
Page Table Entry Register Low (PTEL)
The page table entry register low (PTEL) register residing at address H'FFFF FFF4, and used to
store the physical page number and page management information to be recorded in the TLB by
the LDTLB instruction. The contents of this register are only modified in response to a software
command.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 29
All 0
R/W
Reserved
These bits are always read as 0. The write value
should always be 0.
28 to 10
PPN
R/W
The Number of the Physical Page
9
0
R
8
V
R/W
7
0
R
6, 5
PR
R/W
4
SZ
R/W
3
C
R/W
2
D
R/W
1
SH
R/W
0
0
R
Page Management Information
For more details, see section 4.3, TLB Functions.
4.2.3
Translation Table Base Register (TTB)
The translation table base register (TTB) residing at address H'FFFF FFF8, which points to the
base address of the current page table. The hardware does not set any value in TTB automatically.
TTB is available to software for general purposes. The initial value is undefined.
4.2.4
MMU Control Register (MMUCR)
The MMU control register (MMUCR) residing at address H'FFFF FFE0. Any program that
modifies MMUCR should reside in the P1 or P2 area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com