Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 179 of 1458
REJ09B0033-0300
4.3.2
TLB Indexing
The TLB uses a 4-way set associative scheme, so entries must be selected by index. VPN bits 16
to 12 and ASID bits 4 to 0 in PTEH are used as the index number regardless of the page size. The
index number can be generated in two different ways depending on the setting of the IX bit in
MMUCR.
1. When IX = 1, VPN bits 16 to 12 are EX-ORed with ASID bits 4 to 0 to generate a 5-bit index
number
2. When IX = 0, VPN bits 16 to 12 alone are used as the index number
The first method is used to prevent lowered TLB efficiency that results when multiple processes
run simultaneously in the same virtual address space (multiple virtual memory) and a specific
entry is selected by indexing of each process. In single virtual memory mode (MMUCR.SV = 1),
IX bit should be set to 0. Figures 4.8 and 4.9 show the indexing schemes.
31
16
11
12
17
0
31
0
PTEH register
Virtual address
VPN
0
ASID
7
10
Index
ASID(4 to 0)
Exclusive-OR
Way 0 to 3
VPN(31 to 17)
VPN(11 to 10)
ASID(7 to 0)
V
0
31
Address Array
Data Array
PPN(28 to 10) PR(1 to 0) SZ
C
D
SH
Figure 4.8 TLB Indexing (IX = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com