Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp SH7721 Datasheet HTML 246Page - Renesas Technology Corp SH7721 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 181 of 1458
REJ09B0033-0300
3. There is the possibility of simultaneous TLB hits in more than one way. These hits may occur
depending on the contents of ASID in PTEH when a page to which SH is set 1 is registered in
the TLB in index mode (MMUCR.IX = 1). Therefore a page to which SH is set 1 must not be
registered in index mode. When memory is shared by several processings, different pages must
be registered in each ASID.
The object compared varies depending on the page management information (SZ, SH) in the TLB
entry. It also varies depending on whether the system supports multiple virtual memory or single
virtual memory.
The page-size information determines whether VPN (11 to 10) is compared. VPN (11 to 10) is
compared for 1-kbyte pages (SZ = 0) but not for 4-kbyte pages (SZ = 1).
The sharing information (SH) determines whether the PTEH.ASID and the ASID in the TLB entry
are compared. ASIDs are compared when there is no sharing between processes (SH
= 0) but not
when there is sharing (SH
= 1).
When single virtual memory is supported (MMUCR.SV
= 1) and privileged mode is engaged
(SR.MD
= 1), all process resources can be accessed. This means that ASIDs are not compared
when single virtual memory is supported and privileged mode is engaged. The objects of address
comparison are shown in figure 4.10.
SH = 1 or
(SR.MD = 1 and
MMUCR.SV = 1)?
SZ = 0?
SZ = 0?
No
No (4-kbyte)
Yes
Yes (1-kbyte)
No (4-kbyte)
Yes (1-kbyte)
Bits compared:
VPN 31 to 17
VPN 11 to 10
Bits compared:
VPN 31 to 17
Bits compared:
VPN 31 to 17
VPN 11 to 10
ASID 7 to 0
Bits compared:
VPN 31 to 17
ASID 7 to 0
Figure 4.10 Objects of Address Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com