Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp SH7721 Datasheet HTML 246Page - Renesas Technology Corp SH7721 Datasheet HTML 247Page - Renesas Technology Corp SH7721 Datasheet HTML 248Page - Renesas Technology Corp SH7721 Datasheet HTML 249Page - Renesas Technology Corp SH7721 Datasheet HTML 250Page - Renesas Technology Corp SH7721 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 185 of 1458
REJ09B0033-0300
Figure 4.11 shows the case where the IX bit in MMUCR is 0.
When an MMU exception occurs, the virtual page number of the virtual address that caused the
exception is set in PTEH by hardware. The way is set in the RC bit in MMUCR for each exception
according to the rules (see section 4.2.4, MMU Control Register (MMUCR)). Consequently, if the
LDTLB instruction is issued after setting only PTEL in the MMU exception processing routine,
TLB entry recording is possible. Any TLB entry can be updated by software rewriting of PTEH
and the RC bits in MMUCR.
As the LDTLB instruction changes address translation information, there is a risk of destroying
address translation information if this instruction is issued in the P0, U0, or P3 area. Make sure,
therefore, that this instruction is issued in the P1 or P2 area. Also, an instruction associated with an
access to the P0, U0, or P3 area (such as the RTE instruction) should be issued at least two
instructions after the LDTLB instruction.
VPN(31 to 17)
VPN(11 to 10)
ASID(7 to 0)
V
VPN
0
ASID
VPN
0
SV 0 0 RC 0 TF IX AT
PPN
0
0V 0 PR SZ C D SH 0
Write
PPN(28 to 10) PR(1 to 0) SZ
C
D SH
Write
Data array
Address array
Way selection
Way 0 to 3
31
9
0
MMUCR
Index
31
17
12
10
8
0
PTEH register
31
29 28
10
0
PTEL register
0
31
00
Figure 4.11 Operation of LDTLB Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com