Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 246Page - Renesas Technology Corp SH7721 Datasheet HTML 247Page - Renesas Technology Corp SH7721 Datasheet HTML 248Page - Renesas Technology Corp SH7721 Datasheet HTML 249Page - Renesas Technology Corp SH7721 Datasheet HTML 250Page - Renesas Technology Corp SH7721 Datasheet HTML 251Page - Renesas Technology Corp SH7721 Datasheet HTML 252Page - Renesas Technology Corp SH7721 Datasheet HTML 253Page - Renesas Technology Corp SH7721 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 188 of 1458
REJ09B0033-0300
4.5
MMU Exceptions
When the address translation unit of the MMU is enabled, occurrence of the MMU exception is
checked following the CPU address error check. There are four MMU exceptions: TLB miss, TLB
invalid, TLB protection violation, and initial page write, and these MMU exceptions are checked
in this order.
4.5.1
TLB Miss Exception
A TLB miss results when the virtual address and the address array of the selected TLB entry are
compared and no match is found. TLB miss exception processing includes both hardware and
software operations.
• Hardware Operations
In a TLB miss, this hardware executes a set of prescribed operations, as follows:
A. The VPN field of the virtual address causing the exception is written to the PTEH register.
B. The virtual address causing the exception is written to the TEA register.
C. Either exception code H'040 for a load access, or H'060 for a store access, is written to the
EXPEVT register.
D. The PC value indicating the address of the instruction in which the exception occurred is
written to the save program counter (SPC). If the exception occurred in a delay slot, the PC
value indicating the address of the related delayed branch instruction is written to the SPC.
E The contents of the status register (SR) at the time of the exception are written to the save
status register (SSR).
F. The mode (MD) bit in SR is set to 1 to place the privileged mode.
G. The block (BL) bit in SR is set to 1 to mask any further exception requests.
H. The register bank (RB) bit in SR is set to 1.
I. The RC field in the MMU control register (MMUCR) is incremented by 1 when all entries
indexed are valid. When some entries indexed are invalid, the smallest way number of
them is set in RC. The setting priority is way0, way1, way2, and way3.
J. Execution branches to the address obtained by adding the value of the VBR contents and
H'0000 0400 to invoke the user-written TLB miss exception handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com