Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 248Page - Renesas Technology Corp SH7721 Datasheet HTML 249Page - Renesas Technology Corp SH7721 Datasheet HTML 250Page - Renesas Technology Corp SH7721 Datasheet HTML 251Page - Renesas Technology Corp SH7721 Datasheet HTML 252Page - Renesas Technology Corp SH7721 Datasheet HTML 253Page - Renesas Technology Corp SH7721 Datasheet HTML 254Page - Renesas Technology Corp SH7721 Datasheet HTML 255Page - Renesas Technology Corp SH7721 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 190 of 1458
REJ09B0033-0300
J. Execution branches to the address obtained by adding the value of the VBR contents and
H'0000 0100 to invoke the TLB protection violation exception handler.
• Software (TLB Protection Violation Handler) Operations
Software resolves the TLB protection violation and issues the RTE (return from exception
handler) instruction to terminate the handler and return to the instruction stream. Issue the RTE
instruction after issuing two instructions from the LDTLB instruction.
4.5.3
TLB Invalid Exception
A TLB invalid exception results when the virtual address is compared to a selected TLB entry
address array and a match is found but the entry is not valid (the V bit is 0). TLB invalid exception
processing includes both hardware and software operations.
• Hardware Operations
In a TLB invalid exception, this hardware executes a set of prescribed operations, as follows:
A. The VPN field of the virtual address causing the exception is written to the PTEH register.
B. The virtual address causing the exception is written to the TEA register.
C. Either exception code H'040 for a load access, or H'060 for a store access, is written to the
EXPEVT register.
D. The PC value indicating the address of the instruction in which the exception occurred is
written to the SPC. If the exception occurred in a delay slot, the PC value indicating the
address of the delayed branch instruction is written to the SPC.
E. The contents of SR at the time of the exception are written into SSR.
F. The mode (MD) bit in SR is set to 1 to place the privileged mode.
G. The block (BL) bit in SR is set to 1 to mask any further exception requests.
H. The RB bit in SR is set to 1.
I. The way number causing the exception is written to RC in MMUCR.
J. Execution branches to the address obtained by adding the value of the VBR contents and
H'0000 0100, and the TLB protection violation exception handler starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com