Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 250Page - Renesas Technology Corp SH7721 Datasheet HTML 251Page - Renesas Technology Corp SH7721 Datasheet HTML 252Page - Renesas Technology Corp SH7721 Datasheet HTML 253Page - Renesas Technology Corp SH7721 Datasheet HTML 254Page - Renesas Technology Corp SH7721 Datasheet HTML 255Page - Renesas Technology Corp SH7721 Datasheet HTML 256Page - Renesas Technology Corp SH7721 Datasheet HTML 257Page - Renesas Technology Corp SH7721 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 192 of 1458
REJ09B0033-0300
• Software (Initial Page Write Handler) Operations
The software must execute the following operations:
A. Retrieve the required page table entry from external memory.
B. Set the D bit of the page table entry in the external memory to 1.
C. Write the value of the PPN field and the PR, SZ, C, D, SH, and V bits of the page table
entry in the external memory to the PTEL register.
D. If using software for way selection for entry replacement, write the desired value to the RC
field in MMUCR.
E. Issue the LDTLB instruction to load the contents of PTEH and PTEL into the TLB.
F. Issue the RTE instruction to terminate the handler and return to the instruction stream. The
RTE instruction must be issued after two LDTLB instructions.
4.5.5
MMU Exception in Repeat Loop
If a CPU address error or MMU exception occurs in a specific instruction in the repeat loop, the
SPC may indicate an illegal address or the repeat loop cannot be reexecuted correctly even if the
SPC is correct. Accordingly, if a CPU address error or MMU exception occurs in a specific
instruction in the repeat loop, this LSI generates a specific exception code to set the EXPEVT to
H
′070 for a TLB miss exception, TLB invalid exception, initial page write exception, and CPU
address error and to H'0D0 for a TLB protection violation exception. In addition, a vector offset
for TLB miss exception is H'100. For details, refer to section 7.4.3, Exception in Repeat Control
Period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com