Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 253Page - Renesas Technology Corp SH7721 Datasheet HTML 254Page - Renesas Technology Corp SH7721 Datasheet HTML 255Page - Renesas Technology Corp SH7721 Datasheet HTML 256Page - Renesas Technology Corp SH7721 Datasheet HTML 257Page - Renesas Technology Corp SH7721 Datasheet HTML 258Page - Renesas Technology Corp SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp SH7721 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 195 of 1458
REJ09B0033-0300
Both reading and writing use the longword of the data array specified by the entry address and
way number. The access size of the data array is fixed at longword.
1 1 1 1 0 0 1 0
9
VPN: Virtual page number
V:
Valid bit
W:
Way (00: Way 0, 01: Way 1, 10: Way 2, 11: Way 3)
ASID: Address space identifier
*:
Don’t care bit
Address field
Data field
Address field
Data field
Address field
Data field
31
24 23
17 16
12 1110 9 8 7
0
31
17 16
12 1110 9 8 7
0
31
24 23
17 16
12 11
11
10 9 8 7
0
31
17 16
12
10 9 8 7
0
31
24 23
29 28
17 16
12 1110 9 8 7
0
1
2
31
10
8 7
0
6
65 4 3 2 1
0 0 0
VPN
1 1 1 1 0 0 1 0
1 1 1 1 0 0 1 1
(1) TLB Address Array Access
• Read Access
•
Write Access
(2) TLB Data Array Access
• Read/Write Access
6
* . . . . . . . . . . . . *
VPN
W
0
**
* . . . . . . . . . *
VPN
0 . . . . . . . 0 VPN 0 V
ASID
* . . . . . . . . . . . . *
VPN
* . . . . . . . *
W0 * . . . . . . . . . *
*
*
VPN
V
*
ASID
* . . . . . . . . . . . . *
VPN
W
* . . . . . . . . . . . *
*
*
PPN
XVX PR SZ CD SH X
PPN: Physical page number
PR:
Protection key field
C:
Cacheable bit
SH:
Share status bit
VPN: Virtual page number
X:
0 for read, don’t care bit for write
W:
Way (00: Way 0, 01: Way 1, 10: Way 2, 11: Way 3)
V:
Valid bit
SZ:
Page-size bit
D:
Dirty bit
*:
Don’t care bit
00
1
2
00
1
2
00
Figure 4.14 Specifying Address and Data for Memory-Mapped TLB Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com