Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 257Page - Renesas Technology Corp SH7721 Datasheet HTML 258Page - Renesas Technology Corp SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp SH7721 Datasheet HTML 261Page - Renesas Technology Corp SH7721 Datasheet HTML 262Page - Renesas Technology Corp SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp SH7721 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 199 of 1458
REJ09B0033-0300
(3)
LRU
With the 4-way set associative system, up to four instructions or data with the same entry address
can be registered in the cache. When an entry is registered, LRU shows which of the four ways it
is recorded in. There are six LRU bits, controlled by hardware. A least-recently-used (LRU)
algorithm is used to select the way.
Six LRU bits indicate the way to be replaced, when a cache miss occurs. Table 5.2 shows the
relationship between the LRU bits and the way to be replaced when the cache locking mechanism
is disabled. (For the relationship when the cache locking mechanism is enabled, refer to section
5.2.2, Cache Control Register 2 (CCR2).) If a bit pattern other than those listed in table 5.2 is set
in the LRU bits by software, the cache will not function correctly. When modifying the LRU bits
by software, set one of the patterns listed in table 5.2.
The LRU bits are initialized to H'000000 by a power-on reset, but are not initialized by a manual
reset.
Table 5.2
LRU and Way Replacement (when Cache Locking Mechanism is Disabled)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000100, 010100, 100000, 110000, 110100
3
000001, 000011, 001011, 100001, 101001, 101011
2
000110, 000111, 001111, 010110, 011110, 011111
1
111000, 111001, 111011, 111100, 111110, 111111
0
5.2
Register Descriptions
The cache has the following registers. Refer to section 37, List of Registers, for more details on
the addresses and access size of these registers.
• Cache control register 1 (CCR1)
• Cache control register 2 (CCR2)
• Cache control register 3 (CCR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com