Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 258Page - Renesas Technology Corp SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp SH7721 Datasheet HTML 261Page - Renesas Technology Corp SH7721 Datasheet HTML 262Page - Renesas Technology Corp SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp SH7721 Datasheet HTML 265Page - Renesas Technology Corp SH7721 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 200 of 1458
REJ09B0033-0300
5.2.1
Cache Control Register 1 (CCR1)
The cache is enabled or disabled using the CE bit in CCR1. CCR1 also has a CF bit (which
invalidates all cache entries), and WT and CB bits (which select either write-through mode or
write-back mode). Programs that change the contents of the CCR1 register should be placed in
address space that is not cached.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
CF
0
R/W
Cache Flush
Writing 1 flushes all cache entries (clears the V, U, and
LRU bits of all cache entries to 0). This bit is always
read as 0. Write-back to external memory is not
performed when the cache is flushed.
2
CB
0
R/W
Write-Back
Indicates the cache’s operating mode for space P1.
0: Write-through mode
1: Write-back mode
1
WT
0
R/W
Write-Through
Indicates the cache’s operating mode for spaces P0,
U0, and P3.
0: Write-back mode
1: Write-through mode
0
CE
0
R/W
Cache Enable
Indicates whether the cache function is used.
0: The cache function is not used.
1: The cache function is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com