Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 262Page - Renesas Technology Corp SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp SH7721 Datasheet HTML 265Page - Renesas Technology Corp SH7721 Datasheet HTML 266Page - Renesas Technology Corp SH7721 Datasheet HTML 267Page - Renesas Technology Corp SH7721 Datasheet HTML 268Page - Renesas Technology Corp SH7721 Datasheet HTML 269Page - Renesas Technology Corp SH7721 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 204 of 1458
REJ09B0033-0300
Table 5.6
LRU and Way Replacement (when W2LOCK = 0 and W3LOCK =1)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000001, 000011, 001011, 100000, 100001, 101001, 101011
2
000100, 000110, 000111, 001111, 010100, 010110, 011110, 011111
1
110000, 110100, 111000, 111001, 111011, 111100, 111110, 111111
0
Table 5.7
LRU and Way Replacement (when W2LOCK = 1 and W3LOCK =1)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000001, 000011, 000100, 000110, 000111, 001011, 001111,
010100, 010110, 011110, 011111
1
100000, 100001, 101001, 101011, 110000, 110100, 111000, 111001,
111011, 111100, 111110, 111111
0
5.2.3
Cache Control Register 3 (CCR3)
The CCR3 register controls the cache size to be used. The cache size must be specified according
to the LSI to be selected. If the specified cache size exceeds the size of cache incorporated in the
LSI, correct operation cannot be guaranteed. Note that programs that change the contents of the
CCR3 register should be placed in un-cached address space. In addition, note that all cache entries
must be invalidated by setting the CF bit in the CCR1 to 1 before accessing the cache after the
CCR3 is modified.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 24
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
23 to 16
CSIZE7 to
CSIZE0
H'01
R/W
Cache Size
Specify the cache size as shown below.
0000 0001: 16-kbyte cache
0000 0010: 32-kbyte cache
Settings other than above are prohibited.
15 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com