Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 256Page - Renesas Technology Corp SH7721 Datasheet HTML 257Page - Renesas Technology Corp SH7721 Datasheet HTML 258Page - Renesas Technology Corp SH7721 Datasheet HTML 259Page - Renesas Technology Corp SH7721 Datasheet HTML 260Page - Renesas Technology Corp SH7721 Datasheet HTML 261Page - Renesas Technology Corp SH7721 Datasheet HTML 262Page - Renesas Technology Corp SH7721 Datasheet HTML 263Page - Renesas Technology Corp SH7721 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 198 of 1458
REJ09B0033-0300
Figure 5.1 shows the cache structure.
24 (1 + 1 + 22) bits
128 (32
× 4) bits
6 bits
LW0 to LW3: Longword data 0 to 3
Entry 0
Entry 1
Entry 255
0
1
255
0
1
255
V U Tag address
LW0
LW1
LW2
LW3
Address array (ways 0 to 3)
Data array (ways 0 to 3)
LRU
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Figure 5.1 Cache Structure
(1)
Address Array
The V bit indicates whether the entry data is valid. When the V bit is 1, data is valid; when 0, data
is not valid. The U bit indicates whether the entry has been written to in write-back mode. When
the U bit is 1, the entry has been written to; when 0, it has not. The tag address holds the physical
address used in the external memory access. It is composed of 22 bits (address bits 31 to 10) used
for comparison during cache searches.
In this LSI, the top three of 32 physical address bits are used as shadow bits (see section 9, Bus
State Controller (BSC)), and therefore the top three bits of the tag address are cleared to 0.
The V and U bits are initialized to 0 by a power-on reset, but are not initialized by a manual reset.
The tag address is not initialized by either a power-on or manual reset.
(2)
Data Array
Holds a 16-byte instruction or data. Entries are registered in the cache in line units (16 bytes). The
data array is not initialized by a power-on or manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com