Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp SH7721 Datasheet HTML 246Page - Renesas Technology Corp SH7721 Datasheet HTML 247Page - Renesas Technology Corp SH7721 Datasheet HTML 248Page - Renesas Technology Corp SH7721 Datasheet HTML 249Page - Renesas Technology Corp SH7721 Datasheet HTML 250Page - Renesas Technology Corp SH7721 Datasheet HTML 251Page - Renesas Technology Corp SH7721 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 186 of 1458
REJ09B0033-0300
4.4.4
Avoiding Synonym Problems
When a 1- or 4-kbyte page is recorded in a TLB entry, a synonym problem may arise. If a number
of virtual addresses are mapped onto a single physical address, the same physical address data will
be recorded in a number of cache entries, and it will not be possible to guarantee data congruity.
The reason that this problem occurs is explained below with reference to figure 4.12.
The relationship between bit n of the virtual address and cache size is shown in the following
table. Note that no synonym problems occur in 4-kbyte page when the cache size is 16 kbytes.
Cache Size
Bit n in Virtual Address
16 kbytes
11
32 kbytes
12
To achieve high-speed operation of this LSI’s cache, an index number is created using virtual
address bits 12 to 4. When a 1-kbyte page is used, virtual address bits 12 to 10 is subject to
address translation and when a 4-kbyte page is used, a virtual address bit 12 is subject to address
translation. Therefore, the physical address bits 12 to 10 may not be the same as the virtual address
bits 12 to 10.
For example, assume that, with 1-kbyte page TLB entries, TLB entries for which the following
translation has been performed are recorded in two TLBs:
Virtual address 1 H'0000 0000
→ physical address H'0000 0C00
Virtual address 2 H'000 00C00
→ physical address H'0000 0C00
Virtual address 1 is recorded in cache entry H'000, and virtual address 2 in cache entry H'0C0.
Since two virtual addresses are recorded in different cache entries despite the fact that the physical
addresses are the same, memory inconsistency will occur as soon as a write is performed to either
virtual address.
Consequently, the following restrictions apply to the recording of address translation information
in TLB entries.
1. When address translation information whereby a number of 1-kbyte page TLB entries are
translated into the same physical address is recorded in the TLB, ensure that the VPN bits 12 is
the same.
2. When address translation information whereby a number of 4-kbyte page TLB entries are
translated into the same physical address is recorded in the TLB, ensure that the VPN bit 12 is
the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com