Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp SH7721 Datasheet HTML 245Page - Renesas Technology Corp SH7721 Datasheet HTML 246Page - Renesas Technology Corp SH7721 Datasheet HTML 247Page - Renesas Technology Corp SH7721 Datasheet HTML 248Page - Renesas Technology Corp SH7721 Datasheet HTML 249Page - Renesas Technology Corp SH7721 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 184 of 1458
REJ09B0033-0300
4.4.2
MMU Software Management
There are three kinds of MMU software management, as follows.
1. MMU register setting
MMUCR setting, in particular, should be performed in areas P1 and P2 for which address
translation is not performed. Also, since SV and IX bit changes constitute address translation
system changes, in this case, TLB flushing should be performed by simultaneously writing 1 to
the TF bit also. Since MMU exceptions are not generated in the MMU disabled state with the
AT bit cleared to 0, use in the disabled state must be avoided with software that does not use
the MMU.
2. TLB entry recording, deletion, and reading
TLB entry recording can be done in two ways by using the LDTLB instruction, or by writing
directly to the memory-mapped TLB. For TLB entry deletion and reading, the memory
allocation TLB can be accessed. See section 4.4.3, MMU Instruction (LDTLB), for details of
the LDTLB instruction, and section 4.6, Memory-Mapped TLB, for details of the memory-
mapped TLB.
3. MMU exception processing
When an MMU exception is generated, it is handled on the basis of information set from the
hardware side. See section 4.5, MMU Exceptions, for details.
When single virtual memory mode is used, it is possible to create a state in which physical
memory access is enabled in the privileged mode only by clearing the share status bit (SH) to 0 to
specify recording of all TLB entries. This strengthens inter-process memory protection, and
enables special access levels to be created in the privileged mode only.
Recording a 1- or 4- kbyte page TLB entry may result in a synonym problem. See section 4.4.4,
Avoiding Synonym Problems.
4.4.3
MMU Instruction (LDTLB)
The load TLB instruction (LDTLB) is used to record TLB entries. When the IX bit in MMUCR is
0, the LDTLB instruction changes the TLB entry in the way specified by the RC bit in MMUCR
to the value specified by PTEH and PTEL, using VPN bits 16 to 12 specified in PTEH as the
index number. When the IX bit in MMUCR is 1, the EX-OR of VPN bits 16 to 12 specified in
PTEH and ASID bits 4 to 0 in PTEH are used as the index number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com