Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp SH7721 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 178 of 1458
REJ09B0033-0300
31
9
VPN
Virtual address (1-kbyte page)
Virtual address (4-kbyte page)
TLB entry
Offset
VPN
VPN (31 to 17) VPN (11 to 10) ASID V
PR SZ
SH
PPN
C D
Offset
0
10
31
11
0
(15)
(2)
(2)
(8)
(1)
(19)
(1) (1) (1) (1)
12
[Legend]
VPN:
Virtual page number
Upper 19 bits of virtual address for a 1-kbyte page, or upper 20 bits of logical address for a 4-kbyte page. Since VPN
bits 16 to 12 are used as the index number, they are not stored in the TLB entry. Attention must be paid to the
synonym problem (see section 4.4.4, Avoiding Synonym Problems).
ASID:
Address space identifier
Indicates the process that can access a virtual page. In single virtual memory mode and user mode, or in multiple
virtual memory mode, if the SH bit is 0, the address is compared with the ASID in PTEH when address comparison is
performed.
SH:
Share status bit
0: Page not shared between processes
1: Page shared between processes
SZ:
Page-size bit
0: 1-kbyte page
1: 4-kbyte page
V:
Valid bit
Indicates whether entry is valid.
0: Invalid
1: Valid
Cleared to 0 by a power-on reset. Not affected by a manual reset.
PPN:
Physical page number
Upper 22 bits of physical address. PPN bits 11 to10 are not used in case of a 4-kbyte page.
PR:
Protection key field
2-bit field encoded to define the access rights to the page.
00: Reading only is possible in privileged mode.
01: Reading/writing is possible in privileged mode.
10: Reading only is possible in privileged/user mode.
11: Reading/writing is possible in privileged/user mode.
C:
Cacheable bit
Indicates whether the page is cacheable.
0: Non-cacheable
1: Cacheable
D:
Dirty bit
Indicates whether the page has been written to.
0: Not written to
1: Written to
Figure 4.7 Virtual address and TLB Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com