Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 234Page - Renesas Technology Corp SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 176 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
31 to 9
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
SV
0
R/W
Single Virtual Memory Mode
0: Multiple virtual memory mode
1: Single virtual memory mode
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5, 4
RC
All 0
R/W
Random Counter
A 2-bit random counter that is automatically updated by
hardware according to the following rules in the event of
an MMU exception.
When a TLB miss exception occurs, all of TLB entry
way corresponding to the virtual address at which the
exception occurred are checked. If all ways are valid, 1
is added to RC; if there is one or more invalid way, they
are set by priority from way 0, in the order way 0, way 1,
way 2, way 3. In the event of an MMU exception other
than a TLB miss exception, the way which caused the
exception is set in RC.
3
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
TF
0
R/W
TLB Flush
Write 1 to flush the TLB (clear all valid bits of the TLB to
0). When they are read, 0 is always returned.
1
IX
0
R/W
Index Mode
0: VPN bits 16 to 12 are used as the TLB index number.
1: The value obtained by EX-ORing ASID bits 4 to 0 in
PTEH and VPN bits 16 to 12 is used as the TLB
index number.
0
AT
0
R/W
Address Translation
Enables/disables the MMU.
0: MMU disabled
1: MMU enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com