Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 235Page - Renesas Technology Corp SH7721 Datasheet HTML 236Page - Renesas Technology Corp SH7721 Datasheet HTML 237Page - Renesas Technology Corp SH7721 Datasheet HTML 238Page - Renesas Technology Corp SH7721 Datasheet HTML 239Page - Renesas Technology Corp SH7721 Datasheet HTML 240Page - Renesas Technology Corp SH7721 Datasheet HTML 241Page - Renesas Technology Corp SH7721 Datasheet HTML 242Page - Renesas Technology Corp SH7721 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1524 page
background image
Section 4 Memory Management Unit (MMU)
Rev. 3.00 Jan. 18, 2008 Page 177 of 1458
REJ09B0033-0300
4.3
TLB Functions
4.3.1
Configuration of the TLB
The TLB caches address translation table information located in the external memory. The address
translation table stores the virtual page number and the corresponding physical number, the
address space identifier, and the control information for the page, which is the unit of address
translation. Figure 4.6 shows the overall TLB configuration. The TLB is 4-way set associative
with 128 entries. There are 32 entries for each way. Figure 4.7 shows the configuration of virtual
addresses and TLB entries.
Entry 1
Address array
Data array
Entry 0
Entry 1
Entry 31
Way 0 to 3
Way 0 to 3
VPN(11 to 10)
VPN(31 to 17)
ASID(7 to 0)
V
Entry 0
Entry 31
PPN(28 to 10)PR(1 to 0) SZ
C
D SH
Figure 4.6 Overall Configuration of the TLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com