Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 319Page - Renesas Technology Corp SH7721 Datasheet HTML 320Page - Renesas Technology Corp SH7721 Datasheet HTML 321Page - Renesas Technology Corp SH7721 Datasheet HTML 322Page - Renesas Technology Corp SH7721 Datasheet HTML 323Page - Renesas Technology Corp SH7721 Datasheet HTML 324Page - Renesas Technology Corp SH7721 Datasheet HTML 325Page - Renesas Technology Corp SH7721 Datasheet HTML 326Page - Renesas Technology Corp SH7721 Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1524 page
background image
Section 8
Interrupt Controller (INTC)
Rev. 3.00 Jan. 18, 2008 Page 261 of 1458
REJ09B0033-0300
8.3.12
Interrupt Request Register 8 (IRR8)
IRR8 is an 8-bit register that indicates whether interrupt requests from the SDHI, MMC, and
AFEIF are generated. This register is initialized to H'00 by a power-on reset or manual reset, but is
not initialized in standby mode.
Note:
Note: On the models not having the SDHI, the SDHI-related bits are reserved. The write
value should always be 0.
Bit
Bit Name
Initial Value
R/W
Description
7
MMCI3R
0
R/W
MMCI3 Interrupt Request
Indicates whether the MMCI3 (MMC) interrupt
request is generated.
0: MMCI3 interrupt request is not generated
1: MMCI3 interrupt request is generated
6
MMCI2R
0
R/W
MMCI2 Interrupt Request
Indicates whether the MMCI2 (MMC) interrupt
request is generated.
0: MMCI2 interrupt request is not generated
1: MMCI2 interrupt request is generated
5
MMCI1R
0
R/W
MMCI1 Interrupt Request
Indicates whether the MMCI1 (MMC) interrupt
request is generated.
0: MMCI1 interrupt request is not generated
1: MMCI1 interrupt request is generated
4
MMCI0R
0
R/W
MMCI0 Interrupt Request
Indicates whether the MMCI0 (MMC) interrupt
request is generated.
0: MMCI0 interrupt request is not generated
1: MMCI0 interrupt request is generated
3
AFECIR
0
R/W
AFECI Interrupt Request
Indicates whether the AFECI (AFEIF) interrupt
request is generated.
0: AFECI interrupt request is not generated
1: AFECI interrupt request is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com