Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 268Page - Renesas Technology Corp 7477 Datasheet HTML 269Page - Renesas Technology Corp 7477 Datasheet HTML 270Page - Renesas Technology Corp 7477 Datasheet HTML 271Page - Renesas Technology Corp 7477 Datasheet HTML 272Page - Renesas Technology Corp 7477 Datasheet HTML 273Page - Renesas Technology Corp 7477 Datasheet HTML 274Page - Renesas Technology Corp 7477 Datasheet HTML 275Page - Renesas Technology Corp 7477 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 354 page
background image
2-37
7470/7471/7477/7478 GROUP USER’S MANUAL
APPLICATION
2.5 A-D converter
7470
7471
7477
7478
(2) Example of A-D conversion setting
An example of A-D conversion setting using the sampling methods
2 + 3 and the determination
method [3] described on the previous page is shown below.
Specifications: After execution of 6-time moving sampling the maximum value and the minimum
value are excluded and then the remaining values are added.
This result is
divided by 4 (times). If the difference from the previous value is less than
±5, the
value is updated. If the same difference is
±5 or more, it is not updated.
Figure 2.5.2 shows an example of control procedure.
,,,,
Fig. 2.5.2 Example of A-D conversion control procedure
(ADRAM)
← AB16
RTS
A816
A916
A616
AB16
A716
A816
Sampling point
A-D conversion result
Minimum
value
Maximum
value
A-D conversion routine
Clear the A-D conversion interrupt
request bit
Set the A-D control register
00 0
!! 11
0 ADCON (Address 00D916)
AD input pin
← P20/IN0
End conversion
VREF is connected (Note 1)
Fixed to “0”
Set the port P20 as an input
After execution of 6-time samplings to this time, the
minimum value and the maximum value are excluded and
then the remaining values are added.
2: Performs this operation only in the 7470/7471
group.
A termination of A-D conversion is verified by the
state of the A-D conversion completion bit, the
state of the A-D conversion completion interrupt
request bit and a branch to the A-D conversion
completion interrupt processing routine.
Wait the VREF stabilizing time
(1.0
µs or more) (Note 2)
Set the A-D control register
0
00
!! 10
0 ADCON (Address 00D916)
Clear the A-D conversion
completion bit
Notes 1: The 7477/7478 group is not provided with this bit.
3:
A-D conversion completed ?
(Note 3)
The contents of A-D conversion register is read
and stored into RAM.
A816+A916+A716+A816=2A016
Total of 4-time sampling
4
2A016
=A816
4
Compare with the previous fixed
value
Renewal of fixed value
less than
±5
N
Y
±5 or more
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com