Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 269Page - Renesas Technology Corp 7477 Datasheet HTML 270Page - Renesas Technology Corp 7477 Datasheet HTML 271Page - Renesas Technology Corp 7477 Datasheet HTML 272Page - Renesas Technology Corp 7477 Datasheet HTML 273Page - Renesas Technology Corp 7477 Datasheet HTML 274Page - Renesas Technology Corp 7477 Datasheet HTML 275Page - Renesas Technology Corp 7477 Datasheet HTML 276Page - Renesas Technology Corp 7477 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
2-38
APPLICATION
2.5 A-D converter
7470
7471
7477
7478
2.5.3 Notes on use
s The analog input internal equivalent circuit is shown in Figure 2.5.3. For correct A-D conversion,
it is necessary that the internal capacitor should be completely charged within the specified time.
The maximum value of output impedance of the analog input source required to terminate capacitor
charging within this time is shown below.
• At f(XIN) = 4 MHz, Approximately 10 k
Ω
• At f(XIN) = 8 MHz, Approximately 2 k
Ω
If the maximum value of output impedance exceeds the above value, take a proper measure, for
example, insert a capacitor (0.1
µF to 1 µF) between analog input pin and VSS.
Fig. 2.5.3 Analog input internal equivalent circuit
s For other notes on use, refer to “1.14 A-D converter.”
VREF
VSS
VSS
VCC
SW1
(Note 2)
SW2
R=4 k
Ω ±60%
C2=6 pF
±30%
VSS
C1=10 pF
±50 %
Port P2i/INi
(i=0 to 7)
(Note 1)
Amplifier
Reference voltage
generation circuit
Switch tree
Resistor ladder
VREF switch (Note 3)
Notes 1: This is a parasitic diode of the output transistor.
2: SW1 is turned on only when the analog input pin is selected.
3: The VREF switch is not provided in the 7477/7478 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com