Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 297Page - Renesas Technology Corp 7477 Datasheet HTML 298Page - Renesas Technology Corp 7477 Datasheet HTML 299Page - Renesas Technology Corp 7477 Datasheet HTML 300Page - Renesas Technology Corp 7477 Datasheet HTML 301Page - Renesas Technology Corp 7477 Datasheet HTML 302Page - Renesas Technology Corp 7477 Datasheet HTML 303Page - Renesas Technology Corp 7477 Datasheet HTML 304Page - Renesas Technology Corp 7477 Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 354 page
background image
3-7
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.1 Control registers
Fig. 3.1.12 Structure of Serial I/O status register
Fig. 3.1.11 Structure of Transmit/receive buffer register
b7 b6 b5 b4 b3 b2 b1 b0
Transmit/receive buffer register (TB/RB) [Address
B
Function
At reset R W
Transmit/receive buffer register (7477/7478 group)
0
to
7
?
A value of “0016” to “FF16” can be
set as transmit data.
The transmit data is transferred
automatically by writing the transmit
data into the Transmit shift register.
When all receive data has been input
into the Receive shift register, the
receive data is automatically trans-
ferred to the receive buffer register.
At transmit:
At receive:
00E016]
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O status register (SIOSTS) [Address
B
At reset
R W
Serial I/O status register (7477/7478 group)
0
1
2
3
4
5
6
7
0
0
0
1
Name
Function
Transmit buffer
empty flag (TBE)
0 : Buffer full
1 : Buffer empty
Receive buffer full
flag (RBF)
0 : Buffer empty
1 : Buffer full
Transmit shift
completion flag (TSC)
0 : Transmit shift in progress
1 : Transmit shift completed
Overrun error flag
(OE)
0 : No error
1 : Overrun error
Parity error flag
(PE)
0 : No error
1 : Parity error
Framing error flag
(FE)
0 : No error
1 : Framing error
Nothing is allocated for this bit. This is a write
disabled bit. When this bit is read out, the value
is “1.”
Summing error
flag (SE)
0 : (OE) U (PE) U (FE) = 0
1 : (OE) U (PE) U (FE) = 1
1
1
!
!
!
0
0
!
!
0
!
0
!
!
00E116]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com