Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 301Page - Renesas Technology Corp 7477 Datasheet HTML 302Page - Renesas Technology Corp 7477 Datasheet HTML 303Page - Renesas Technology Corp 7477 Datasheet HTML 304Page - Renesas Technology Corp 7477 Datasheet HTML 305Page - Renesas Technology Corp 7477 Datasheet HTML 306Page - Renesas Technology Corp 7477 Datasheet HTML 307Page - Renesas Technology Corp 7477 Datasheet HTML 308Page - Renesas Technology Corp 7477 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 354 page
background image
3-11
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.1 Control registers
Fig. 3.1.20 Structure of CPU mode register
Fig. 3.1.19 Structure of Timer mode register 2
b7 b6 b5 b4 b3 b2 b1 b0
Name
B
Function
0
1
At reset R W
0
0
Timer mode register 2 (TM2) [Address
6
0
7
0
Timer 1 overflow FF
set enable bit
2
to
5
Timer mode register 2
Timer 4 overflow FF
set enable bit
Nothing is allocated for these bits. These are
write disabled bits and are undefined at reading.
Timer 3, timer 4 count
overflow signal selection bit
Timer 3, timer 4
function selection bit
0 : Set disable
1 : Set enable
0 : Set disable
1 : Set enable
0 : Timer 1 overflow
1 : Timer 2 overflow
0 : Ordinary mode
1 : PWM mode
?? !
00FA16]
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register (CPUM) [Address
B
At reset R W
CPU mode register
0, 1
2
3
4
5
0
?
0
0
0
0
? !
Name
Function
Fix these bits to “0.”
Nothing is allocated for this bit. This is write
enabled bit and is undefined at reading.
Main clock (XIN–XOUT)
stop bit
XCOUT drive capacity
selection bit
6
7
0
Stack page selection
bit
0
Internal system clock
selection bit
0: In page 0 area
1: In page 1 area
(Note 1)
0: Low
1: High
(Note 2)
0: Oscillates
1: Stops
(Note 2)
0: XIN–XOUT selected
(Ordinary mode)
1: XCIN–XCOUT selected
(Low speed mode)
(Note 2)
P50, P51/XCIN,XCOUT
selection bit
0: P50, P51
1: XCIN, XCOUT (Note 2)
0
Notes 1:
2:
In the products having a RAM capacity of 192 bytes or
less, set this bit to “0.”
Since the 7470/7477 group is not provided with the
sub-clock generating circuit, f(X
Fix these bits to “0.”
00FB16]
CIN
) cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com