Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33937
FUNCTIONAL DESCRIPTIONS
INTRODUCTION
and off the Low Side FET.. A low-impedance drive ensures
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FET. This output
has also been designed to resist the influence of negative
currents.
PHASE C HIGH SIDE SOURCE (PC_HS_S)
The source connection for the phase C High Side output
FET is the reference voltage for the gate drive on the High
Side FET and also the low voltage end of the bootstrap
capacitor.
PHASE C HIGH SIDE GATE (PC_HS_G)
This is the gate drive for the phase C High Side output
FET. This pin provides the gate bias to turn the external FET
on or off. The gate voltage is limited to about 15 V above the
FET source voltage. A low-impedance drive is used, ensuring
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FETs. This
output has also been designed to resist the influence of
negative currents.
PHASE C BOOTSTRAP (PC_BOOT)
This is the bootstrap capacitor connection for phase C. A
capacitor connected between PC_HS_S and this pin
provides the gate voltage and current to drive the external
FET gate. Typically, the boostrap capacitor selection is 10 to
20 times the gate capacitance. The voltage across this
capacitor is limited to about 15 V. Use the 33937A to avoid
the CAUTION on page 27 for bootstrap capacitances greater
than 100 nF.
PHASE B LOW SIDE SOURCE (PB_LS_S)
The phase B Low Side source is the pin used to return the
gate currents from the Low Side FET. Best performance is
realized by connecting this node directly to the source of the
Low Side FET for phase B.
PHASE B LOW SIDE GATE (PC_LS_G)
This is the gate drive for the phase B Low Side output FET.
It provides high current through a low impedance to turn on
and off the Low Side FET. A low-impedance drive ensures
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FET. This output
has also been designed to resist the influence of negative
currents.
PHASE B HIGH SIDE SOURCE (PB_HS_S)
The source connection for the phase B High Side output
FET is the reference voltage for the gate drive on the High
Side FET and also the low voltage end of the bootstrap
capacitor.
PHASE B HIGH SIDE GATE (PB_HS_G)
This is the gate drive for the phase B High Side output
FET. This pin provides the gate bias to turn the external FET
on or off. The gate voltage is limited to about 15 V above the
FET source voltage. A low-impedance drive is used, ensuring
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FETs. This
output has also been designed to resist the influence of
negative currents.
PHASE B BOOTSTRAP (PB_BOOT)
This is the bootstrap capacitor connection for phase B. A
capacitor connected between PC_HS_S and this pin
provides the gate voltage and current to drive the external
FET gate. Typically, the boostrap capacitor selection is 10 to
20 times the gate capacitance. The voltage across this
capacitor is limited to about 15 V. Use the 33937A to avoid
the CAUTION on page 27 for bootstrap capacitances greater
than 100 nF.
PHASE A LOW SIDE SOURCE (PA_LS_S)
The phase A Low Side source is the pin used to return the
gate currents from the Low Side FET. Best performance is
realized by connecting this node directly to the source of the
Low Side FET for phase A.
PHASE A LOW SIDE GATE (PA_LS_G)
This is the gate drive for the phase A Low Side output FET.
It provides high current through a low impedance to turn on
and off the Low Side FET. A low-impedance drive ensures
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FET. This output
has also been designed to resist the influence of negative
currents.
PHASE A HIGH SIDE SOURCE (PA_HS_S)
The source connection for the phase A High Side output
FET is the reference voltage for the gate drive on the High
Side FET and also the low voltage end of the bootstrap
capacitor.
PHASE A HIGH SIDE GATE (PA_HS_G)
This is the gate drive for the phase A High Side output
FET. This pin provides the gate bias to turn the external FET
on or off. The gate voltage is limited to about 15 V above the
FET source voltage. A low-impedance drive is used, ensuring
transient currents do not overcome an off-state driver and
allow pulses of current to flow in the external FETs. This
output has also been designed to resist the influence of
negative currents.
PHASE A BOOTSTRAP (PA_BOOT)
This is the bootstrap capacitor connection for phase A. A
capacitor connected between PC_HS_S and this pin
provides the gate voltage and current to drive the external
FET gate. Typically, the boostrap capacitor selection is 10 to
20 times the gate capacitance. The voltage across this
capacitor is limited to about 15 V. Use the 33937A to avoid
the CAUTION on page 27 for bootstrap capacitances greater
than 100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com