Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 47Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
33937
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
6/2008
• Initial Release
2.0
7/2008
• Updated specifications for current sense amplifier and overcurrent comparator
• Added Gain/Phase curves for current sense amplifier
• Added typical curves for load margin on Px_CBOOT
• Added discussion about bootstrap capacitors and requirements for external bootstrap diodes
• Updated application drawings
• Added VSUP requirement for hold-off
3.0
11/2008
• Updated Freescale form and style
• Added note to VLS Regulator Outputs (VLS, VLS_CAP)(2)
• Changed Charge Device Model - CDM
• Corrected title to No output loads on Gate Drive Pins, No PWM, Outputs initialized
• Changed CAUTION for 33937 only (Use the 33937A to avoid this CAUTION) and associated
paragraphs
4.0
12/2008
• Added PCZ33937AEK/R2 Part number throughout.
• Added Note and changed parameters for Desaturation Detector and Phase Comparator to
Dynamic Electrical Characteristics Table.
• Replaced Typical Application Diagrams (Pages 40 and 41).
• Page 10 remove VDD Threshold (VDD Falling) change note 23
5.0
4/2009
• Note 41 clarification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com