Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33937
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
In order to achieve a 100% duty cycle operation of the High
Side external FETs, a fully integrated trickle charge pump
provides the charge necessary to maintain the external FET
gates at fully enhanced levels. The trickle charge pump has
limited ability to supply external leakage paths while
performing it’s primary function. The graphs in Figures 11
through 14 beginning on page 20 show the typical margin for
supplying external current loads. These limits are based on
maintaining the voltage at CBOOT at least 3.0 V greater than
the voltage on the HS_S for that phase. If this voltage
differential becomes less than 3.0 V, the corresponding high
side FET will most likely not remain fully enhanced and the
high side driver may malfunction due to insufficient bias
voltage between CBOOT and HS_S.
The slew rate of the external output FET is limited by the
driver output impedance, overall (external and internal) gate
resistance and the load capacitance. To ensure the Low Side
FET is not turned on by a large positive dV/dt on the drain of
the Low Side FET, the turn-on slew rate of the High Side
should be limited. If the slew rate of the High Side is limited
by the gate-drain capacitance of the High Side FET, then the
displacement current injected into the Low Side gate drive
output will be approximately the same value. Therefore, to
ensure the Low Side drivers can be held off, the voltage drop
across the Low Side gate driver must be lower than the
threshold voltage of the Low Side FET (see Figure 17).
Similarly, during large negative dV/dt, the High Side FET
will be able to remain off if its gate drive Low Side switch,
develops a voltage drop less than the threshold voltage of the
High Side FET. The gate drive Low Side switch discharges
the gate to the source.
Additionally, during negative dV/dt the Low Side gate drive
could be forced below ground. The Low Side FETs must not
inject detrimental substrate currents in this condition.
The occurrence of these cases depends on the polarity of
the load current during switching.
Figure 17. Positive DV/dt Transient
DRIVER FAULT PROTECTION
The 33937 IC integrates several protection mechanisms
against various faults. The first of them is the Current Sense
Amplifier with the Over-current Comparator. These two
blocks are common for all three driver phases.
Current Sense Amplifier
This amplifier is usually connected as a differential
amplifier (see Figure 9). It senses a current flowing through
the external FETs as a voltage across the current sense
resistor RSENSE. Since the amplifier common mode range
does not extend below ground, it is necessary to use an
external reference to permit measuring both positive and
negative currents.
The amplifier output can be monitored directly (e.g. by the
microcontroller’s ADC) at the AMP_OUT pin, providing the
means for closed loop control with the 33937.
The output voltage is internally compared with the Over-
current Comparator threshold voltage (see Figure 22).
Over-current Comparator
The amplified voltage across RSENSE is compared with the
pre-set threshold value by the over-current comparator input.
If the Current Sense Amplifier output voltage exceeds the
threshold of the Over-current Comparator it would change
the status of its output (OC_OUT pin) and the fault condition
would be latched (see Figure 20).
The occurrence of this fault would be signalled by the
return value of the Status Register 0. If the proper Interrupt
Mask has been set, this fault condition will generate an
Phase x
Output
Phase
Return
Px_LS_S
Px_LS_G
Px_HS_S
Low
-Side
Driver
LS
Control
Px_LS_G
Px_HS_G
Deadtime
-VD
VSUP
Phase x Output Voltage
dV/dt
CGS
CDG
CDS
Rg
iCDG
VLS
33927
+
-
G
S
D
Discrete
FET
Package
Zo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com