Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE TIMING
Maximum Frequency of SPI Operation
fOP
–
4.0
MHz
Internal Time Base
fTB
13
17
25
MHz
Internal Time Base drift from value at 25
°C (50)
TCTB
-5.0
–
5.0
%
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time) (50)
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time) (50)
tLAG
100
–
–
ns
SI to Falling Edge of SCLK (Required Setup Time) (50)
tSISU
25
–
–
ns
Falling Edge of SCLK to SI (Required Setup Time) (50)
tSIHOLD
25
–
–
ns
SI, CS, SCLK Signal Rise Time (50), (51)
tRSI
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time (50), (51)
tFSI
–
5.0
–
ns
Time from Falling Edge of CS to SO Low-impedance (50), (52)
tSOEN
–
55
100
ns
Time from Rising Edge of CS to SO High-impedance (50), (53)
tSODIS
–
100
125
ns
Time from Rising Edge of SCLK to SO Data Valid (50), (54)
tVALID
–
80
125
ns
Time from Rising Edge of CS to Falling Edge of the next CS (50)
tDT
200
–
–
ns
Notes
50.
This parameter is guaranteed by design, not production tested.
51.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
52.
Time required for valid output status data to be available on SO pin.
53.
Time required for output states data to be terminated at SO pin.
54.
Time required to obtain valid data out from SO following the rise of SCLK with 200 pF load.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com