Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
37
33937
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Status Register 1 (MODE Bits)
This register is read by sending the NULL1 command (000x xx01). This is guaranteed to not affect IC operation and returns
the following data:
Status Register 2
(MASK bits)
This register is read by sending the NULL2 command (000x xx10). This is guaranteed to not affect IC operation and returns
the following data:
Status Register 3
(Deadtime)
This register is read by sending the NULL3 command (000x xx11). This is guaranteed to not affect IC operation and returns
the following data:
Table 15. Status Register 1
SPI Data Bits
765
432
10
Results
Register 1
Read
0
Desaturation
Mode
Zero
Deadtime
Set
Calibration
Overflow
Deadtime
Calibration
0
FULLON
Mode
Lock
Bit
Reset
000
000
00
• Bit 0–Lock Bit indicates the IC registers (Deadtime, MASKn, CLINTn, and Mode) are locked. Any subsequent write to
these registers is ignored and will set the Write Error flag.
• Bit 1– is the present status of FULLON Mode. If this bit is set to “0”, the FULLON mode is not allowed. A “1” indicates the
IC can operate in FULLON Mode (both High Side and Low Side FETs of one phase can be simultaneously turned on).
• Bit 3–indicates Deadtime Calibration occurred. It will be “0” until a successful Deadtime command is executed. This
includes the Zero Deadtime setting, as well as a Calibration Overflow.
• Bit 4–is a flag for a Deadtime Calibration Overflow.
• Bit 5–is set if Zero Deadtime is commanded.
• Bit 6–reflects the current state of the Desaturation/Phase Error turn-off mode.
Table 16. Status Register 2
SPI Data Bits
765
432
10
Results
Register 2
Read
Mask1:3
Mask1:2
Mask1:1
Mask1:0
Mask0:3
Mask0:2
Mask0:1
Mask0:0
Reset
111
111
11
Table 17. Status Register 3
SPI Data Bits
765
432
10
Results
Register 3
Read
Dead7
Dead6
Dead5
Dead4
Dead3
Dead2
Dead1
Dead0
Reset
000
000
00
These bits represent the calibration applied to the internal oscillator to generate the requested deadtime. If calibration is not
yet performed, all these bits return 0 even though the actual dead time is the maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com