Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OVER-CURRENT COMPARATOR
Common Mode Input Range(22)
VCM
2.0
–
VDD-0.02
V
Input Offset Voltage
VOS_OC
-50
–
50
mV
Over-current Comparator Threshold Hysteresis(21)
VOC_HYST
50
300
mV
Output Voltage
High Level at IOH = -500 µA
Low Level at IOL = 500 µA
VOH
VOL
0.85 VDD
–
–
–
VDD
0.5
V
HOLD OFF CIRCUIT
Hold Off Current (At Each GATE Pin)
3.0 V < VSUP < 40 V(23)
IHOLD
10
–
300
µA
PHASE COMPARATOR
High Level Input Voltage Threshold
VIH_TH
0.5 VSUP
–
0.65 VSUP
V
Low Level Input Voltage Threshold
VIL_TH
0.3 VSUP
–
0.45 VSUP
V
High Level Output Voltage at IOH = -500 µA
VOH
0.85 VDD
–
VDD
V
Low Level Output Voltage at IOL = 500 µA
VOL
–
–
0.5
V
High Side Source Input Resistance(21), (26)
RIN
–
40
–
k
Ω
DESATURATION DETECTOR
Desaturation Detector Threshold(24)
VDES_TH
1.2
1.4
1.6
V
CURRENT SENSE AMPLIFIER
Recommended External Series Resistor (See Figure 9)
RS
–
1.0
–
k
Ω
Recommended External Feedback Resistor (See Figure 9)(27)
Limited by the Output Voltage Dynamic Range
RFB
5.0
–
15
k
Ω
Maximum Input Differential Voltage (See Figure 9)
VID = VAMP_P - VAMP_N
VID
-800
–
+800
mV
Input Common Mode Range(21), (25)
VCM
-0.5
–
3.0
V
Input Offset Voltage
RS = 1.0 kΩ, VCM = 0.0 V
VOS
-15
–
+15
mV
Input Offset Voltage Drift(21)
δVOS/δT
–
-10
–
µV/°C
Input Bias Current
VCM = 2.0 V
Ib
-200
–
+200
nA
Notes
21.
This parameter is a design characteristic, not production tested.
22.
As long as one input is in the common mode range there is no phase inversion on the output.
23.
The hold off circuit is designed to operate over the full operating range of VSUP. The specification indicates the conditions used in
production test. Hold off is activated at VTHRST or VTHVLS.
24.
Desaturation is measured as the voltage drop below VSUP, thus the threshold is compared to the drain-source voltage of the external
High Side FET. See Figure 5.
25.
As long as one input is within VCM the output is guaranteed to have the correct phase. Exceeding the common mode rails on one input
will not cause a phase inversion on the output.
26.
Input resistance is impedance from High Side source and is referenced to VSS. Approximate tolerance is ±20%.
27.
The current sense amplifier is unity gain stable with a phase margin of approximately 45°. See Figure 10.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com