Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33937
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE AMPLIFIER (CONTINUED)
Output Rise Time to 90% (49)
RL = 1.0 k
Ω, CL = 500 pF, 0.3 V < VO < 4.8 V, Gain = 5.0 to 15
tIS_RISE
–
–
1.0
µs
Output Fall Time to 10% (49)
RL = 1.0 k
Ω, CL = 500 pF, 0.3 V < VO < 4.8 V, Gain = 5.0 to 15
tIS_FALL
–
–
1.0
µs
Slew Rate at Gain = 5.0(48)
RL = 1.0 k
Ω, CL = 20 pF
SR(5)
5.0
–
–
V/µs
Phase Margin at Gain = 5.0(48)
fM
–30
–
°
Unity Gain Bandwidth (48)
RL = 1.0 k
Ω, CL = 100 pF
GBW
–20
–
MHz
Bandwidth at Gain = 15 (48)
RL = 1.0 kΩ, CL = 50 pF
BWG
2.0
–
–
MHz
Common Mode Rejection (CMR) (48) with VIN
VIN_CM = 400 mV*sin(2*π*freq*t)
VIN_DIF = 0.0 V, RS = 1.0 kΩ
RFB = 15 kΩ, VREFIN = 0.0 V
CMR = 20*Log(VOUT/VIN_CM)
Freq = 100 kHz
Freq = 1.0 MHz
Freq = 10 MHz
CMR
50
40
30
–
–
–
–
–
–
dB
SUPERVISORY AND CONTROL CIRCUITS
EN1 and EN2 Propagation Delay
tPROP
–
–
280
ns
INT Rise Time CL = 100 pF
tRINT
10
–
250
ns
INT Fall Time CL = 100 pF
tFINT
10
–
200
ns
INT Propagation Time
tPROPINT
–
–
250
ns
Notes
48.
This parameter is guaranteed by design, not production tested.
49.
Rise and fall times are measured from the transition of a step function on the input to 90% of the change in output voltage.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com